Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6132AMNR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP6132AMNR2G
Description  Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6132AMNR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP6132AMNR2G Datasheet HTML 4Page - ON Semiconductor NCP6132AMNR2G Datasheet HTML 5Page - ON Semiconductor NCP6132AMNR2G Datasheet HTML 6Page - ON Semiconductor NCP6132AMNR2G Datasheet HTML 7Page - ON Semiconductor NCP6132AMNR2G Datasheet HTML 8Page - ON Semiconductor NCP6132AMNR2G Datasheet HTML 9Page - ON Semiconductor NCP6132AMNR2G Datasheet HTML 10Page - ON Semiconductor NCP6132AMNR2G Datasheet HTML 11Page - ON Semiconductor NCP6132AMNR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
NCP6132A, NCP6132B
http://onsemi.com
8
Table 5. ELECTRICAL CHARACTERISTICS Unless otherwise stated: −10°C < TA< 100°C; VCC = 5.0 V; CVCC = 0.1 mF
Parameter
Units
Max
Typ
Min
Test Conditions
DRVEN
Output High Voltage
Sourcing 500 mA
3.5
V
Output Low Voltage
Sinking 500 mA
0.1
V
Rise Time
CL (PCB) = 20 pF,
DVo = 10% to 90%
255
ns
Fall Time
2
ns
Internal Pull Down Resistance
EN = Low
70
kW
IOUT / IOUTA OUTPUT
Maximum Output Voltage
Rlim = 5k
2.5
V
Input Referred Offset Voltage
Ilimit to CSREF
−2.5
2.5
mV
Output Source Current
Ilimit sink current = 80 mA
840
mA
Current Gain
(IOUTCURRENT ) / (ILIMCURRENT), RILIM =
ROUT = 8.0 kW , Temp range: 0°C to 60°C
9.5
10
10.5
OSCILLATOR
Switching Frequency Range
200
800
kHz
Switching Frequency Accuracy
200 kHz < Fsw < 800 kHz
−10
10
%
3 Phase Operation
Rosc = 67.4 kW
360
400
440
kHz
Rosc Output Voltage
Rosc = 67.4 kW
1.95
2.00
2.05
V
OUTPUT OVER VOLTAGE & UNDER VOLTAGE PROTECTION (OVP & UVP)
Over Voltage Threshold During Soft−Start &
DVID
1.7
1.75
1.8
V
Over Voltage Threshold Above DAC
VSP(A) Rising
225
250
275
mV
Over Voltage Delay
VSP(A) rising to PWMx low
50
ns
Under Voltage Threshold Below DAC−DROOP
VSP(A) Falling
350
400
450
mV
Under−voltage Hysteresis
VSP(A) Rising
25
mV
Under−voltage Delay
5
ms
VR12 DAC
System Voltage Accuracy
−105C ~ 855C
1.0 V ≤ DAC < 1.52 V
0.8 V< DAC < 0.995 V
0.5 V < DAC < 0.795 V
0.25 V < DAC < 0.495 V
−105C ~ 1005C
1.0 V ≤ DAC < 1.52 V
0.8 V< DAC < 0.995 V
0.5 V < DAC < 0.795 V
0.25 V < DAC < 0.495 V
−0.5
−5
−8
−8
1
−12
−12
−12
+0.5
+5
+8
+8
1
+12
+12
+12
%
mV
mV
mV
%
mV
mV
mV
Droop Feed−Forward Current
Measure on DROOP pin
60
66
72
mA
Droop Feed−Forward Pulse On−Time
0.16
ms
OVERCURRENT PROTECTION
ILIM Threshold Current
(OCP shutdown after 50 ms delay)
Aux/Core Multiphase, PS0, Rlim = 20 kW
9.0
10
11.0
mA
Aux/Core 1−phase, PS1/2/3, Rlim = 20 kW
10
mA
Aux 2−phase, PS1, Rlim = 20 kW
10
mA
Core 2−phase, PS1, Rlim = 20 kW
6.5
mA
Aux/Core 2−phase, PS2/3, Rlim = 20 kW
6.5
mA
Core 3−phase, PS1/2/3, Rlim = 20 kW
4.0
mA
3. Guaranteed by design/characterization, not in production test
4. Guaranteed by characterization


Similar Part No. - NCP6132AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6132A ONSEMI-NCP6132A Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
NCP6132ADMNR2G ONSEMI-NCP6132ADMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
More results

Similar Description - NCP6132AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6132ADMNR2G ONSEMI-NCP6132ADMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
December, 2010 ??Rev. 0
NCP6132 ONSEMI-NCP6132 Datasheet
90Kb / 2P
   Dual Output 3 Phase & 2 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
August, 2011 - Rev. 0
NCP81141 ONSEMI-NCP81141 Datasheet
540Kb / 24P
   Single-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 2
NCP6121S52MNR2G ONSEMI-NCP6121S52MNR2G Datasheet
315Kb / 28P
   Dual Output 3 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
January, 2013 ??Rev. 2
NCP81119 ONSEMI-NCP81119 Datasheet
346Kb / 27P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2013 - Rev. 1
NCP6153MNTWG ONSEMI-NCP6153MNTWG Datasheet
394Kb / 29P
   Dual Output 3/4 Phase 1/0 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
October, 2012 ??Rev. 1
NCP81140 ONSEMI-NCP81140 Datasheet
305Kb / 20P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
September, 2015 - Rev. 1
NCP81142 ONSEMI-NCP81142 Datasheet
321Kb / 21P
   Multiple-Phase Controller with SVID Interface for Desktop and Notebook CPU Applications
August, 2018 - Rev. 3
NCP6151 ONSEMI-NCP6151 Datasheet
561Kb / 34P
   Dual Output 4 Phase 1/0 Phase Controller with single SVID Interface for Desktop and Notebook CPU Applications
Rev1, 032012
ASP2100 ONSEMI-ASP2100 Datasheet
593Kb / 40P
   82 Phase Output Controller with SVID Interface for Desktop Computer CPU Applications
March, 2023 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com