Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP03YS680J05RL Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # NCP03YS680J05RL
Description  NTC Thermistors for Temp. Sensor and Compensation Chip Type
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03YS680J05RL Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button NCP03YS680J05RL Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP03YS680J05RL Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP03YS680J05RL Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP03YS680J05RL Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03YS680J05RL Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03YS680J05RL Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03YS680J05RL Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP03YS680J05RL Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP03YS680J05RL Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
y
B0
e
160
r
L
t
BM
NT
q
w
PA7
qProduct ID
wSeries
rResistance Tolerance
tIndividual Specifications
NTC Thermistors for Inrush Current Suppression Lead Type
NT
NTC Thermistors
L
PA7
PA9
PAA
PAD
PAJ
PAN
±15%
DK
Individual Specifications
Product ID
Code
Code
Series
Resistance Tolerance
Code
(Part Number)
eResistance
Expressed by three-digit alphanumerics. The unit is ohm (
Ω).
The first and second figures are significant digits, and the third
figure expresses the number of zeros which follow the two
figures. If there is a decimal point, it is expressed by the capital
letter "
R". In this case, all figures are significant digits.
A lead structure and other specifications are expressed by two
capital letters.
3R0
100
Ex.
3
10
Code
Resistance
Standard (Bulk)
yPackaging
A0
B0
Ammo Pack Taping
Bulk
Code
Packaging
Body Diameter
ø18mm, ø22mm
DN
Standard (Bulk)
ø10mm, ø13mm
BM
Standard Type (Bulk)
ø7mm, ø9mm
B1
Standard Type (Ammo Pack)
ø7mm, ø9mm
D6
Standard Type (Ammo Pack) ø10mm, ø13mm
Inrush Current
Suppression
Lead Type
ø7mm
ø9mm
ø10mm
ø13mm
ø18mm
ø22mm
Nominal Body Diameter
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
R44E.pdf
10.2.22


Similar Part No. - NCP03YS680J05RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03YS680 MURATA-NCP03YS680 Datasheet
265Kb / 10P
   for Surface Mounting Application
NCP03YS68005RL MURATA-NCP03YS68005RL Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
NCP03YS68005RL MURATA-NCP03YS68005RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP03YS680J05RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XW223E03RB MURATA-NCP18XW223E03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
R44E MURATA-R44E Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WF104J0SRB MURATA-NCP18WF104J0SRB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XM221J03RB MURATA-NCP18XM221J03RB Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NTSA0XR502EE1B0 MURATA-NTSA0XR502EE1B0 Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WM224E03RB MURATA-NCP18WM224E03RB Datasheet
21Kb / 1P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com