Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCB1206B260TR050F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCB1206B260TR050F
Description  RUGGED CONSTRUCTION IN STANDARD EIA SIZES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCB1206B260TR050F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCB1206B260TR050F Datasheet HTML 1Page - NIC-Components Corp. NCB1206B260TR050F Datasheet HTML 2Page - NIC-Components Corp. NCB1206B260TR050F Datasheet HTML 3Page - NIC-Components Corp. NCB1206B260TR050F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
Ferrite Chip Beads
NCB Series
EIA
Size
NIC
P/N
Impedance
at 100MHz
Ω (±25% Tol.)
DC
Resistance
Max. (Ω)
DC
Current
Max. (mA)
A
(mm)
B
(mm)
C
(mm)
D
(mm)
0805
NCB0805A070TR060F
7
0.1
600
2.0 ±0.2
1.25 ±0.2
0.9 ±0.2
0.5 ±0.3
NCB0805A110TR090F
11
0.1
900
NCB0805A170TR060F
17
0.1
600
NCB0805A260TR060F
26
0.1
600
NCB0805A300TR060F
30
0.1
600
NCB0805A320TR050F
32
0.3
500
NCB0805A400TR060F
40
0.1
600
NCB0805A600TR090F
60
0.1
900
NCB0805A750TR020F
75
0.15
200
NCB0805A750TR040F
75
0.15
400
NCB0805A800TR040F
80
0.4
400
NCB0805A900TR060F
90
0.1
600
NCB0805A121TR030F
120
0.1
300
NCB0805A121TR050F
120
0.2
500
NCB0805A121TR080F
120
0.2
800
NCB0805A151TR080F
150
0.2
800
NCB0805A221TR075F
220
0.3
750
NCB0805A241TR040F
240
0.3
400
NCB0805A301TR070F
300
0.3
700
NCB0805A401TR020F
400
0.9
200
NCB0805A471TR070F
470
0.35
700
NCB0805A601TR050F
600
0.4
500
NCB0805A801TR045F
800
0.4
450
NCB0805A102TR040F
1000
0.45
400
NCB0805A152TR001F
1500
0.9
10
NCB0805A152TR035F
1500
0.5
350
NCB0805A202TR025F
2000
0.6
250
NCB0805C222TR010F
2200
0.75
100
2.0 ±0.2
1.25 ±0.2
1.25 ±0.2
0.5 ±0.3
NCB0805C222TR020F
2200
0.7
200
NCB0805C252TR020F
2500
0.75
200
1206
NCB1206B190TR050F
19
0.15
500
3.2 ± 0.2
1.6 ± 0.2
1.1 ± 0.2
0.5 ± 0.3
NCB1206B260TR050F
26
0.15
500
NCB1206B310TR050F
31
0.2
500
NCB1206B320TR050F
32
0.15
500
NCB1206B420TR050F
42
0.2
500
NCB1206B500TR050F
50
0.2
500
NCB1206B600TR040F
60
0.2
400
NCB1206B680TR050F
68
0.2
500
NCB1206B700TR050F
70
0.2
500
NCB1206B900TR050F
90
0.2
500
NCB1206B101TR090F
100
0.15
900
NCB1206B121TR090F
120
0.15
900
NCB1206B151TR090F
150
0.15
900
NCB1206B201TR020F
200
0.5
200
NCB1206B221TR070F
220
0.35
700
NCB1206B301TR070F
300
0.35
700
NCB1206B401TR020F
400
0.5
200
NCB1206B471TR040F
470
0.35
400
NCB1206B501TR020F
500
0.5
200
NCB1206B601TR020F
600
0.5
200
NCB1206B601TR040F
600
0.4
400
NCB1206B601TR050F
600
0.3
500
NCB1206B801TR030F
800
0.6
300
NCB1206B102TR040F
1000
0.4
400
NCB1206B102TR030F
1000
0.6
300
NCB1206B122TR010F
1200
1
100
NCB1206B152TR030F
1500
0.7
300
NCB1206B202TR030F
2000
1.5
300
Continued on page 3
NEW VALUES


Similar Part No. - NCB1206B260TR050F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB1206B260TR050F NIC-NCB1206B260TR050F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
NCB1206B260TR050F NIC-NCB1206B260TR050F Datasheet
247Kb / 4P
   Ferrite Chip Beads
More results

Similar Description - NCB1206B260TR050F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB0603R102TR020F NIC-NCB0603R102TR020F Datasheet
247Kb / 4P
   RUGGED CONSTRUCTION IN STANDARD EIA SIZES
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
   rugged construction
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ATC200B ETC2-ATC200B Datasheet
247Kb / 6P
   Rugged Construction
ATC920C ETC2-ATC920C Datasheet
94Kb / 2P
   Rugged Construction
logo
Ohmite Mfg. Co.
RES-OD-OF-OA OHMITE-RES-OD-OF-OA Datasheet
303Kb / 2P
   Rugged construction
logo
List of Unclassifed Man...
ABS1699 ETC2-ABS1699 Datasheet
1Mb / 3P
   Durable, rugged construction
logo
Ultralife Corporation.
UBBL03 ULTRALIFE-UBBL03 Datasheet
501Kb / 2P
   Rugged case construction
Rev: L
logo
List of Unclassifed Man...
ARINC404A ETC2-ARINC404A Datasheet
658Kb / 3P
   Durable, rugged construction
logo
EUROQUARTZ limited
T1235 EUROQUARTZ-T1235 Datasheet
93Kb / 1P
   Rugged construction SMD TCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com