Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBESD5301N Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SBESD5301N
Description  Ultra Low Capacitance ESD Protection for high-speed interfaces
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBESD5301N Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SBESD5301N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBESD5301N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SBESD5301N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Elektronische Bauelemente
SBESD5301N
82W, 5V
Ultra Low Capacitance
ESD Protection for high-speed interfaces
18-Dec-2013 Rev. A
Page 3 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTICS CURVES


Similar Part No. - SBESD5301N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBESD5301N SECOS-SBESD5301N_15 Datasheet
354Kb / 3P
   ESD Protection for high-speed interfaces
More results

Similar Description - SBESD5301N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KS05ULA5 SECOS-KS05ULA5 Datasheet
289Kb / 3P
   Ultra Low Capacitance ESD Protection for high- speed interfaces
KS05UL5 SECOS-KS05UL5 Datasheet
775Kb / 3P
   Ultra Low Capacitance ESD Protection for high-speed interfaces
KS05LL4 SECOS-KS05LL4 Datasheet
256Kb / 3P
   Ultra Low Capacitance ESD Protection for high- speed interfaces
KS03LL4 SECOS-KS03LL4 Datasheet
332Kb / 3P
   20W, 3V Ultra Low Capacitance ESD Protection for High- Speed Interfaces
SBESD0801S SECOS-SBESD0801S Datasheet
165Kb / 3P
   56W, 5V Ultra Low Capacitance ESD Protection for high-speed interfaces
logo
ON Semiconductor
CM1263-02SE ONSEMI-CM1263-02SE Datasheet
116Kb / 6P
   Low Capacitance ESD Protection for High-Speed Serial Interfaces
April 2010 Rev. 2
CM1263-02SE ONSEMI-CM1263-02SE_11 Datasheet
87Kb / 4P
   Low Capacitance ESD Protection for High-Speed Serial Interfaces
March, 2011 ??Rev. 3
CM1263-06DE ONSEMI-CM1263-06DE Datasheet
283Kb / 7P
   Low Capacitance ESD Protection for High-Speed Serial Interfaces
April 2010 ??Rev. 3
CM1263-06DE ONSEMI-CM1263-06DE_13 Datasheet
98Kb / 4P
   Low Capacitance ESD Protection for High-Speed Serial Interfaces
September, 2013 ??Rev. 5
logo
NXP Semiconductors
IP4283CZ10 NXP-IP4283CZ10 Datasheet
72Kb / 10P
   ESD protection for ultra high-speed interfaces
Rev. 01-7 May 2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com