Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1266 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KTA1266
Description  PNP Plastic Encapsulated Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KTA1266 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KTA1266 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KTA1266
-0.15A , -50V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
18-Dec-2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Excellent hFE Linearity
Low Noise
Complementary to KTC3198
CLASSIFICATION OF hFE (1)
Product-Rank
KTA1266-O
KTA1266-Y
KTA1266-GR
Range
70~140
120~240
200~400
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-150
mA
Collector Power Dissipation
PC
625
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
-50
-
-
V
IC= -100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC= -1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µA
VCB= -50V, IE=0
Emitter Cut-Off Current
IEBO
-
-
-0.1
µA
VEB= -5V, IC=0
DC Current Gain
hFE (1)
70
-
400
VCE= -6V, IC= -2mA
hFE (2)
25
-
-
VCE= -6V, IC= -150mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
-0.3
V
IC= -100mA, IB= -10mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
-1.1
V
IC= -100mA, IB= -10mA
Transition Frequency
fT
80
-
-
MHz
VCE= -10V, IC= -1mA
Collector Output Capacitance
Cob
-
-
7
pF
VCE= -10V, IE=0, f=1MHz
Noise Figure
NF
-
-
10
dB
VCE= -6V, IC= -0.1mA,
f=1KHz, Rg=10K
TO-92
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
-
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56
K
0.36
0.76
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base


Similar Part No. - KTA1266

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1266 KEC-KTA1266 Datasheet
308Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Weitron Technology
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
   PNP Plastic-Encapsulate Transistor
logo
KEC(Korea Electronics)
KTA1266 KEC-KTA1266 Datasheet
43Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR
KTA1266 KEC-KTA1266 Datasheet
20Kb / 1P
   TO-92 PACKAGE
logo
Tiger Electronic Co.,Lt...
KTA1266 TGS-KTA1266 Datasheet
326Kb / 1P
   TO-92 Plastic-Encapsulate Transistors (PNP)
More results

Similar Description - KTA1266

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
   PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
   PNP Plastic Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
   PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015_15 Datasheet
449Kb / 2P
   PNP Plastic-Encapsulated Transistor
B772S SECOS-B772S_15 Datasheet
352Kb / 2P
   PNP Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com