Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5606-T1 Datasheet(PDF) 6 Page - NEC

Part # 2SC5606-T1
Description  NPN SILICON RF TRANSISTOR FOR LOW NOISEHIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5606-T1 Datasheet(HTML) 6 Page - NEC

  2SC5606-T1 Datasheet HTML 1Page - NEC 2SC5606-T1 Datasheet HTML 2Page - NEC 2SC5606-T1 Datasheet HTML 3Page - NEC 2SC5606-T1 Datasheet HTML 4Page - NEC 2SC5606-T1 Datasheet HTML 5Page - NEC 2SC5606-T1 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Preliminary Data Sheet P14658EJ2V0DS00
6
2SC5606
S-PARAMETERS
VCE = 3 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG.ANG.MAG.
ANG.MAG.ANG.MAG.ANG.
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
2800
2900
3000
0.938
0.894
0.871
0.881
0.855
0.837
0.825
0.789
0.768
0.745
0.726
0.699
0.673
0.652
0.622
0.602
0.568
0.542
0.523
0.502
0.477
0.455
0.438
0.412
0.401
0.390
0.375
0.372
0.361
0.365
−7.9
−11.5
−17.9
−22.6
−29.1
−34.1
−40.0
−44.5
−48.9
−54.0
−59.4
−63.1
−67.8
−72.3
−76.6
−80.9
−86.7
−90.5
–96.0
−100.9
−106.3
−112.8
−118.0
−123.2
−130.9
−137.7
−143.1
−151.4
−159.1
−166.1
3.872
3.499
3.458
3.292
3.270
3.189
3.106
3.023
2.956
2.895
2.827
2.773
2.705
2.630
2.555
2.519
2.455
2.367
2.368
2.334
2.268
2.217
2.178
2.154
2.122
2.058
2.007
2.017
1.952
1.927
174.6
166.9
162.4
156.6
151.8
147.3
142.4
137.3
134.2
129.4
124.9
121.8
117.8
113.7
110.5
106.5
103.3
100.4
97.2
93.2
89.6
86.6
83.9
80.0
77.5
74.4
71.2
68.5
66.2
62.4
0.010
0.019
0.041
0.049
0.054
0.071
0.078
0.078
0.086
0.098
0.105
0.109
0.114
0.125
0.123
0.124
0.130
0.128
0.136
0.137
0.142
0.143
0.151
0.158
0.157
0.159
0.161
0.167
0.162
0.167
121.9
53.1
81.7
78.6
73.4
67.7
58.5
62.0
53.0
56.8
59.1
55.4
51.3
51.9
49.8
49.8
47.1
46.5
46.4
44.3
44.2
44.2
45.7
44.7
43.6
42.9
41.4
44.3
43.3
43.7
0.996
0.976
0.958
0.918
0.888
0.887
0.884
0.852
0.832
0.816
0.790
0.777
0.765
0.747
0.723
0.714
0.687
0.676
0.656
0.646
0.632
0.616
0.602
0.586
0.571
0.554
0.536
0.530
0.507
0.488
−3.2
−8.3
−11.3
−13.4
−15.6
−18.2
−20.7
−22.5
−25.6
−27.0
−28.8
−30.8
−31.7
−33.0
−34.3
−36.0
−37.6
−37.8
−39.1
−40.1
−41.7
−41.6
−43.3
−44.4
−46.2
−46.8
−47.9
−48.9
−49.6
−51.0


Similar Part No. - 2SC5606-T1

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5606-T1 NEC-2SC5606-T1 Datasheet
73Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
Renesas Technology Corp
2SC5606-T1 RENESAS-2SC5606-T1 Datasheet
201Kb / 9P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
logo
California Eastern Labs
2SC5606-T1 CEL-2SC5606-T1 Datasheet
329Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
NEC
2SC5606-T1-A NEC-2SC5606-T1-A Datasheet
73Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
Renesas Technology Corp
2SC5606-T1-A RENESAS-2SC5606-T1-A Datasheet
201Kb / 9P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
More results

Similar Description - 2SC5606-T1

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5606 NEC-2SC5606_1 Datasheet
73Kb / 7P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
logo
California Eastern Labs
NE66219 CEL-NE66219 Datasheet
329Kb / 6P
   NPN SILICON RF TRANSISTOR FOR LOW NOISE 쨌 HIGH-GAIN AMPLIFICATION 3-PIN ULTRA SUPER MINIMOLD (19, 1608 PKG)
NESG210719 CEL-NESG210719 Datasheet
1Mb / 9P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN Amplification 3-Pin Ultra Super Minimold (19, 1608 PKG)
logo
Renesas Technology Corp
2SC4228 RENESAS-2SC4228_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN SUPER MINIMOLD
2SC4226-T1-A RENESAS-2SC4226-T1-A Datasheet
149Kb / 8P
   NPN Silicon RF Transistor NPN Epitaxial Silicon RF Transistor for High-Frequency Low-Noise Amplification 3-pin super Minimold
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
logo
California Eastern Labs
2SC3356 CEL-2SC3356 Datasheet
1Mb / 9P
   NPN Epitaxial Silicon RF Transistor for Microwave Low-Noise Amplification 3-pin Minimold
logo
Renesas Technology Corp
2SC5012 RENESAS-2SC5012_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NE68539 CEL-NE68539 Datasheet
727Kb / 5P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
logo
Renesas Technology Corp
2SC5011 RENESAS-2SC5011_15 Datasheet
190Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com