Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP03XV10305RL Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NCP03XV10305RL
Description  NTC Thermistors for Temp. Sensor and Compensation Chip Type
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03XV10305RL Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button NCP03XV10305RL Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP03XV10305RL Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
R44E.pdf
Dec.17,2012
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
qProduct ID
wIndividual Specifications
uLead Wire Type
iShape of the Lead Wire
NTC Thermistor for Temperature Sensor/Lead Type
NXR
NTC Thermistor Sensor/Lead Type
A
ø0.4 Copper-clad Fe Wire, Tinned
1
3
Shape of the Lead Wire
Product ID
Code
Lead Wire Type
Code
(Part Number)
tResistance
Expressed by three figures. The unit is (
Ω). The first and second
figures are significant digits, and the third figure expresses the
number of zeros which follow the two figures.
103
473
104
Ex.
10k
Ω
47k
Ω
100k
Ω
Code
Resistance
Lead Spacing 2.5mm
Lead Spacing 5.0mm
T
Commercial Type
Code
yResistance Tolerance
F
E
J
±1%
±3%
±5%
Code
Resistance Tolerance
oPackaging
A
B
Ammo Pack Taping
Bulk
Code
Packaging
!0Dimensions (Full Length)
010
020
030
040
016
10mm
20mm
30mm
40mm
16mm (Lead distance between
reference and bottom planes)
Code
Dimensions (Full Length)
Individual Specifications
rTemperature Characteristics
WB
WF
XH
XM
XV
Nominal B-Constant 4050–4099K
Nominal B-Constant 4250–4299K
Nominal B-Constant 3350–3399K
Nominal B-Constant 3500-3549K
Nominal B-Constant 3900-3949K
Code
Temperature Characteristics
eChip Dimensions
15
1.00 x 0.50mm
Code
Dimensions (LxT)
t
103
w
T
e
15
r
XH
y
F
u
A
i
1
o
B
!0
040
NXR
q


Similar Part No. - NCP03XV10305RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03XV10305RL MURATA-NCP03XV10305RL Datasheet
1Mb / 44P
   NTC Thermistors
NCP03XV10305RL MURATA-NCP03XV10305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP03XV10305RL MURATA-NCP03XV10305RL Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
More results

Similar Description - NCP03XV10305RL

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XW223E03RB MURATA-NCP18XW223E03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
R44E MURATA-R44E Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WF104J0SRB MURATA-NCP18WF104J0SRB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XV103J03RB MURATA-NCP18XV103J03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NTSA0XR502EE1B0 MURATA-NTSA0XR502EE1B0 Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WM224E03RB MURATA-NCP18WM224E03RB Datasheet
21Kb / 1P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com