Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEV200A5ANA Datasheet(PDF) 2 Page - Tyco Electronics

Part # LEV200A5ANA
Description  KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEV200A5ANA Datasheet(HTML) 2 Page - Tyco Electronics

  LEV200A5ANA Datasheet HTML 1Page - Tyco Electronics LEV200A5ANA Datasheet HTML 2Page - Tyco Electronics LEV200A5ANA Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
2
Outline Dimensions
Estimated Make & Break Power Switching Ratings
Electrical Load Life Ratings for Typical LEV Applications
NOTES:
1) For resistive loads with 300µH maximum inductance. Consult factory for inductive loads.
2) Estimates based on extrapolated data. User is encouraged to confirm performance in application.
3) End of life when dielectric strength between terminals falls below 50 megohms @ 500VDC.
4) The maximum make current is 650A to avoid contact welding.
100,000
10,000
1,000
100
10
1
1,000
10,000
100
10
1
Make and Break Power Switching Region
Break Only Above 650A
650A
Load Current (A)
Time (ms)
LEV200 Capacitive Make Test Curves for Pre-Charged Motor Controller
650
600
550
500
450
400
350
300
250
200
150
100
50
0
0.0
0.5
1.0
1.5
2.0
80% Minimum
Pre Charge
90% Nominal
Pre Charge
700
Make/Break Life Capacitive & Resistive Loads at 320VDC (1) (2)
@90% capacitive pre-charge (make only) see chart below
Cycles
50,000
@80% capacitive pre-charge (make only) see chart below
Cycles
50
2,000A (break only) (1)
Cycles
1*
Mechanical Life
Cycles
100,000
(1) Resistive load includes inductance L = 25µH. Load @ 2500A tested @ 200µH.
(2) Life based on projected Weibull Life with 95% teliability.
* Does not meet dielectric and IR after test.
For factory-direct application assistance, dial
800-253-4560, ext. 2055, or 805-220-2055.
9-1773439-1 – PDF – TW – 6-08
Printed in U.S.A.
KILOVAC LEV200 Series (Continued)
500+ Amp, 12-900VDC Contactor with
1 Form X (SPST-NO-DM) Contacts
SIde Mount Enclosure
Bottom Mount Enclosure
NOTE: When stud terminals are specified
for coil connections, the electrical
connection is made at the tab
located at the base of the stud.


Similar Part No. - LEV200A5ANA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LEV200A5ANA MACOM-LEV200A5ANA Datasheet
297Kb / 2P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
More results

Similar Description - LEV200A5ANA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LEV200A4ANA MACOM-LEV200A4ANA Datasheet
297Kb / 2P
   KILOVAC LEV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900Vdc
EV200 MACOM-EV200 Datasheet
255Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X Contacts Rated 500 Amps, 12-900VDC
logo
TE Connectivity Ltd
EV200 TEC-EV200 Datasheet
297Kb / 2P
   KILOVAC EV200 Series Contactor With 1 Form X (SPST-NO)Contacts Rated 500 Amps, 12-900 Vdc
logo
Tyco Electronics
CAP200 MACOM-CAP200 Datasheet
109Kb / 2P
   CAP200 Series Contactor With 1 Form A (SPST-NO) Contacts Rated up to 500 Amps, 12-900VDC
MAP200ARDEA MACOM-MAP200ARDEA Datasheet
109Kb / 2P
   Contacts Rated up to 500 Amps, 12-900VDC
logo
TE Connectivity Ltd
EV100 TEC-EV100 Datasheet
262Kb / 2P
   KILOVAC EV100 Series Contactor With 1 Form XContacts Rated 100 Amps Continuous, 600 Vdc
logo
Tyco Electronics
AP350X MACOM-AP350X Datasheet
228Kb / 1P
   KILOVAC AP350X- 500 Amps
KILOVAC-LEV100 MACOM-KILOVAC-LEV100 Datasheet
170Kb / 6P
   with 1 form X contacts rated 100A continuous
logo
TE Connectivity Ltd
LEV100 TEC-LEV100 Datasheet
170Kb / 6P
   with 1 form X contacts rated 100A continuous
logo
Tyco Electronics
FM200ABXYX MACOM-FM200ABXYX Datasheet
173Kb / 2P
   KILOVAC FM200 (?쏤LATMAN?? Series 1-, 2- or 3-pole Contactor With Contacts Rated 200 Amps, 480Vac (50/60 Hz. ) or 48Vdc
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com