Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1158EVM Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS1158EVM
Description  SBAU126C?밠ay 2007?밨evised May 2011
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1158EVM Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS1158EVM Datasheet HTML 2Page - Texas Instruments ADS1158EVM Datasheet HTML 3Page - Texas Instruments ADS1158EVM Datasheet HTML 4Page - Texas Instruments ADS1158EVM Datasheet HTML 5Page - Texas Instruments ADS1158EVM Datasheet HTML 6Page - Texas Instruments ADS1158EVM Datasheet HTML 7Page - Texas Instruments ADS1158EVM Datasheet HTML 8Page - Texas Instruments ADS1158EVM Datasheet HTML 9Page - Texas Instruments ADS1158EVM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Digital Interface
www.ti.com
Many pins on J6 have weak pull-up resistors. These resistors provide default settings for many of the
control pins. Many pins on J6 correspond directly to ADS1258 pins, as shown in Table 4. See the
ADS1258 data sheet for complete details on these pins.
Table 4. J6
—Serial Interface Pins
PIN NUMBER
PIN NAME
SIGNAL NAME
I/O TYPE
PULL-UP
FUNCTION
Optional ADS1258 START pin
J6.1
CNTL
CNTL
In
None
control; see text
J6.2
GPIO0
PDWN
In
High
ADS1258 power-down pin
J6.3
CLKX
SCLK
In
None
ADS1258 SPI clock
J6.4
DGND
DGND
In/Out
None
Digital ground
J6.5
CLKR
None
Unused
J6.6
GPIO1
RST
In
High
ADS1258 reset pin
Optional ADS1258 chip-select
J6.7
FSX
CS
In
Low
control; see text
Clock select:
J6.8
GPIO2
CLKSEL
In
High
0 = internal / out, 1 = external
J6.9
FSR
None
Unused
J6.10
DGND
DGND
In/Out
None
Digital ground
J6.11
DX
DIN
In
None
ADS1258 SPI data in
Power-supply mode:
J6.12
GPIO3
N/A
In
High
0 = bipolar, 1 = unipolar
J6.13
DR
DOUT
Out
None
ADS1258 SPI data out
J6.14
GPIO4
None
Unused
J6.15
INT
DRDY
Out
None
ADS1258 data-ready output
J6.16
SCL
SCL
I
2C
N/A
I
2C clock
J6.17
TOUT
CLK
In
None
External clock input
J6.18
DGND
DGND
In/Out
None
Digital ground
J6.19
GPIO5
None
Unused
J6.20
SDA
SDA
I
2C
N/A
I
2C data
3.2
GPIO
The GPIO connector, J3, carries the GPIO pins for the ADS1258. J3 is arranged so that GPIO0 and
GPIO1 can be used to control START and CS, respectively; see Figure 2 and Figure 5. The PDK firmware
controls START through GPIO0. CNTL(J6-1) and FSX(J6-7) are also brought to J3, so they can also be
used to control START and CS. Both FSX and CNTL are pulled down, so these pins can be used to keep
START and CS low if they are not to be used.
Figure 2. J3 Pin Configuration
6
ADS1158EVM, ADS1258EVM, ADS1158EVM-PDK, and ADS1258EVM-PDK
SBAU126C
– May 2007 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2007–2011, Texas Instruments Incorporated


Similar Part No. - ADS1158EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1158 TI-ADS1158 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158 TI1-ADS1158 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158IRTCR TI-ADS1158IRTCR Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158IRTCR TI1-ADS1158IRTCR Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
ADS1158IRTCRG4 TI-ADS1158IRTCRG4 Datasheet
966Kb / 50P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
More results

Similar Description - ADS1158EVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC31X2EVM TI1-DAC31X2EVM Datasheet
395Kb / 9P
[Old version datasheet]   SBOU096A?밡ovember 2010?밨evised January 2011
logo
NXP Semiconductors
Z0109MN0 NXP-Z0109MN0 Datasheet
640Kb / 17P
   4Q Triac Rev. 3 ??12 May 2011
Rev. 3-12 May 2011
logo
List of Unclassifed Man...
PMODBB ETC1-PMODBB Datasheet
78Kb / 1P
   COPURIGHT 2007 DIGILENT INC.
logo
Tyco Electronics
1-1554653-1 MACOM-1-1554653-1 Datasheet
2Mb / 1P
   LGA 2011 SOCKET
logo
List of Unclassifed Man...
TP912 ETC1-TP912 Datasheet
12Mb / 72P
   Test Tools Catalog Volume one, 2007
logo
Texas Instruments
BQ40Z60 TI-BQ40Z60_15 Datasheet
1Mb / 49P
[Old version datasheet]   SLUSAW3C ?밆ECEMBER 2014?밨EVISED JULY 2015
BQ24045 TI-BQ24045_15 Datasheet
1Mb / 38P
[Old version datasheet]   SLUS941F ?밪EPTEMBER 2009?밨EVISED MARCH 2015
BQ24075-Q1 TI-BQ24075-Q1_15 Datasheet
2Mb / 38P
[Old version datasheet]   SLUSAU3B ?밊EBRUARY 2012?밨EVISED MARCH 2012
CC-DEBUGGER TI-CC-DEBUGGER Datasheet
857Kb / 25P
[Old version datasheet]   SWRU197H?밪eptember 2010?밨evised April 2014
logo
jb Capacitors Company
JML JBCAPACITORS-JML Datasheet
535Kb / 3P
   Size may be selected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com