Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN8A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # CN8A
Description  CELL RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

CN8A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  CN8A Datasheet HTML 1Page - EIC discrete Semiconductors CN8A Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( CN8A - CN8M )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
FIG 4 . - TYPICAL JUNCTION CAPACITANCE
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
8
6
4
2
10
10
1.0
240
0
300
0
180
120
60
10
80
1.0
0.01
100
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
Ta = 25
°C
Ta = 100
°C
TJ = 25
°C
Ta = 25
°C
Pulse Width = 300
µs
2% Duty Cycle
0.1
200
2000
1000
100
10
500
50
TJ = 25
°C
f = 1.0 MHz
Vsig = 50mVp-p
REVERSE VOLTAGE, VOLTS
1
2
4
10
20
40
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
FORWARD VOLTAGE, VOLTS
0.01


Similar Part No. - CN8A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
CN8A EIC-CN8A Datasheet
75Kb / 2P
   CELL RECTIFIER DIODES
Rev. 02 : March 24, 2005
CN8A EIC-CN8A_V01 Datasheet
75Kb / 2P
   CELL RECTIFIER DIODES
Rev. 02 : March 24, 2005
More results

Similar Description - CN8A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
CN18A EIC-CN18A Datasheet
39Kb / 2P
   CELL RECTIFIER DIODES
CN3A EIC-CN3A Datasheet
17Kb / 2P
   CELL RECTIFIER DIODES
CN5A EIC-CN5A Datasheet
16Kb / 2P
   CELL RECTIFIER DIODES
CN25A EIC-CN25A_V01 Datasheet
188Kb / 2P
   CELL RECTIFIER DIODES
Rev. 03:January 21, 2014
CN25A EIC-CN25A Datasheet
17Kb / 2P
   CELL RECTIFIER DIODES
CN25R EIC-CN25R Datasheet
264Kb / 2P
   CELL RECTIFIER DIODES
Rev. 00 : August 27, 2020
CN3A EIC-CN3A_V01 Datasheet
88Kb / 2P
   CELL RECTIFIER DIODES
Rev. 03:November 16, 2012
CN5A EIC-CN5A_V01 Datasheet
112Kb / 2P
   CELL RECTIFIER DIODES
Rev. 04:November 16, 2012
CN8A EIC-CN8A_V01 Datasheet
75Kb / 2P
   CELL RECTIFIER DIODES
Rev. 02 : March 24, 2005
CN18A EIC-CN18A_V01 Datasheet
75Kb / 2P
   CELL RECTIFIER DIODES
Rev. 02 : March 24, 2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com