Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3650 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3650
Description  Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3650 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3650 Datasheet HTML 4Page - Analog Devices ADP3650 Datasheet HTML 5Page - Analog Devices ADP3650 Datasheet HTML 6Page - Analog Devices ADP3650 Datasheet HTML 7Page - Analog Devices ADP3650 Datasheet HTML 8Page - Analog Devices ADP3650 Datasheet HTML 9Page - Analog Devices ADP3650 Datasheet HTML 10Page - Analog Devices ADP3650 Datasheet HTML 11Page - Analog Devices ADP3650 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADP3650
Rev. A | Page 10 of 12
APPLICATIONS INFORMATION
SUPPLY CAPACITOR SELECTION
For the supply input (VCC) of the ADP3650, a local bypass
capacitor is recommended to reduce noise and to supply some
of the peak currents that are drawn. Use a 4.7 μF, low ESR
capacitor. Multilayer ceramic chip (MLCC) capacitors provide
the best combination of low ESR and small size. Keep the
ceramic capacitor as close as possible to the ADP3650.
BOOTSTRAP CIRCUIT
The bootstrap circuit uses a charge storage capacitor (CBST)
and a diode, as shown in Figure 1. These components can be
selected after the high-side MOSFET is chosen. The bootstrap
capacitor must have a voltage rating that can handle twice the
maximum supply voltage. A minimum 50 V rating is recom-
mended. The capacitor values are determined by
GATE
GATE
BST2
BST1
V
Q
C
C
×
=
+
10
(1)
D
CC
GATE
BST2
BST1
BST1
V
V
V
C
C
C
=
+
(2)
where:
QGATE is the total gate charge of the high-side MOSFET at VGATE.
VGATE is the desired gate drive voltage (usually in the range of
5 V to 10 V, 7 V being typical).
VD is the voltage drop across D1.
Rearranging Equation 1 and Equation 2 to solve for CBST1 yields
V
V
Q
C
D
CC
GATE
BST
×
= 10
1
CBST2 can then be found by rearranging Equation 1.
1
10
BST
GATE
GATE
BST2
C
V
Q
C
×
=
For example, an NTD60N02 has a total gate charge of about
12 nC at VGATE = 7 V. Using VCC = 12 V and VD = 1 V, then
CBST1 = 12 nF and CBST2 = 6.8 nF. Good quality ceramic capacitors
should be used.
RBST is used to limit slew rate and minimize ringing at the switch
node. It also provides peak current limiting through D1. An
RBST value of 1.5 Ω to 2.2 Ω is a good choice. The resistor needs
to handle at least 250 mW due to the peak currents that flow
through it.
A small signal diode can be used for the bootstrap diode due
to the ample gate drive voltage supplied by VCC. The bootstrap
diode must have a minimum 15 V rating to withstand the
maximum supply voltage. The average forward current can
be estimated by
MAX
GATE
AVG
F
f
Q
I
×
=
)
(
(3)
where
fMAX is the maximum switching frequency of the
controller.
The peak surge current rating should be calculated by
BST
D
CC
PEAK
F
R
V
V
I
=
)
(
(4)
MOSFET SELECTION
When interfacing the ADP3650 to external MOSFETs, the
designer should consider ways to make a robust design that
minimizes stresses on both the driver and the MOSFETs. These
stresses include exceeding the short time duration voltage
ratings on the driver pins as well as on the external MOSFET.
It is also highly recommended that the bootstrap circuit be used
to improve the interaction of the driver with the characteristics
of the MOSFETs (see the Bootstrap Circuit section). If a simple
bootstrap arrangement is used, make sure to include a proper
snubber network on the SW node.
HIGH-SIDE (CONTROL) MOSFETS
A high-side, high speed MOSFET is usually selected to
minimize switching losses. This typically implies a low gate
resistance and low input capacitance/charge device. Yet, a
significant source lead inductance can also exist that depends
mainly on the MOSFET package; it is best to contact the
MOSFET vendor for this information.
The ADP3650 DRVH output impedance and the input resistance
of the MOSFETs determine the rate of charge delivery to the
internal capacitance of the gate. This determines the speed at
which the MOSFETs turn on and off. However, because of
potentially large currents flowing in the MOSFETs at the on and
off times (this current is usually larger at turn-off due to ramping
up of the output current in the output inductor), the source lead
inductance generates a significant voltage when the high-side
MOSFETs switch off. This creates a significant drain-source
voltage spike across the internal die of the MOSFETs and can
lead to a catastrophic avalanche. The mechanisms involved in
this avalanche condition are referenced in literature from the
MOSFET suppliers.


Similar Part No. - ADP3650

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3654 AD-ADP3654 Datasheet
297Kb / 12P
   High Speed, Dual, 4 A MOSFET Driver
REV. 0
ADP3654ARDZ-RL AD-ADP3654ARDZ-RL Datasheet
297Kb / 12P
   High Speed, Dual, 4 A MOSFET Driver
REV. 0
ADP3654ARHZ-RL AD-ADP3654ARHZ-RL Datasheet
297Kb / 12P
   High Speed, Dual, 4 A MOSFET Driver
REV. 0
More results

Similar Description - ADP3650

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com