Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L0805C4R7MPWST Datasheet(PDF) 8 Page - Kemet Corporation

Part # L0805C4R7MPWST
Description  Surface Mount Ferrite Products Inductors & Ferrite Beads
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0805C4R7MPWST Datasheet(HTML) 8 Page - Kemet Corporation

Back Button L0805C4R7MPWST Datasheet HTML 4Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 5Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 6Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 7Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 8Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 9Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 10Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 11Page - Kemet Corporation L0805C4R7MPWST Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
8
Features:
Operating Temperature:
• Small size wound chip inductor with high current
• - ºC to +105ºC (including self-generated heat)
• Dimension without directional influence on mountability
and characteristics
Applications:
• Digital Still Cameras (DSC), Digital Video Cameras (DVC),
PDA’s and other portable digital equipment
• For DC-DC converter circuit
EIA
Case
Size
Metric
Dim.
Code
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
0603
1608
1.6 ±0.2
(0.063 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.8 ±0.2
(0.031 ±0.008)
0.4 ±0.15
(0.015 ±0.006)
0805
2012
2.0 ±0.2
(0.079 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
1.25 ±0.2
(0.049 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
0806
2016
2.0 ±0.2
(0.079 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
1007
2518
2.5 ±0.2
(0.098 ±0.008)
1.8 ±0.2
(0.071 ±0.008)
1.8 ±0.2
(0.071 ±0.008)
0.5 ±0.2
(0.02 ±0.008)
1210
3225
3.2 ±0.2
(0.126 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
0.6 ±0.3
(0.024 ±0.012)
E
T
W
L
Wire Wound Chip Inductors - L-DWS/L-DWI/L-DWL/L-DWF Series
Part Numbering Table
Dimension Table in millimeters (inches)
Inductance
Examples:
3N9 = 0.0039μH
1R0 = 1.0μH
10N = 0.01μH
100 = 10μH
R10 = 0.1μH
101 = 100μH
Inductance Tolerance
K = ±10%, M = ±20%
Inductor
L
C
0805
100
M
DWS
T
Case Size (EIA)
0603
1007
0805
1210
0806
Type
DWS = Standard Type
DWI = High Current Type
DWL = Low Profile
DWF = Bottom Surface
Electrode (See Part
Number Table)
Specification
C = Commercial
B = Bottom Surface Electrode
R - Low Rdc Type
Packaging Code
T = Tape & Reel


Similar Part No. - L0805C4R7MPWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0805C4R7MPWST KEMET-L0805C4R7MPWST Datasheet
367Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWI/L-PWR
L0805C4R7MPWST KEMET-L0805C4R7MPWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0805C4R7MPWST KEMET-L0805C4R7MPWST Datasheet
759Kb / 32P
   Wire Wound Chip Inductors - L-PWS/L-PWF/L-PWI/L-PWR Series
L0805C4R7MPWST KEMET-L0805C4R7MPWST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
More results

Similar Description - L0805C4R7MPWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
LB-1608-T4R7MK KEMET-LB-1608-T4R7MK Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
L0603C5N6SRMST KEMET-L0603C5N6SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
Vishay Siliconix
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Abracon Corporation
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com