Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETQ-P1W Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # ETQ-P1W
Description  New ETQ-P1W Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ETQ-P1W Datasheet(HTML) 1 Page - Panasonic Battery Group

  ETQ-P1W Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Metal Composite Power Choke Coils
New ETQ-P1W Series
Panasonic
New Product Introduction
Low Profile Power Choke Coils with High Current Capacity and Low Loss
Panasonic, a worldwide leader in Inductor Products, is pleased to announce the NEW ETQ-P1W Series
Power Choke Coils. The ETQ-P1W Series is suitable for high switching frequencies up to 1MHz and
features a Metal Composite Construction. This results in a smaller size (5.4x5.15mm) and a low profile
(only 1.2mm), while providing high current capability (2.2 to 5.5A) and low loss (R
DC 19.2 to 168.0 mOhm).
Also, a distributed gap structure yields little audible noise during usage.
• Small Size: 5.4mm x 5.15mm
• Low Profile: 1.2mm
• High Current Capability: 2.2 to 5.5A
• Low Audible Noise
• Low DCR: 19.2 to 168m
• RoHS Compliant
• Save PCB Space
• Usage in Applications with Low Board Clearance
• Low Loss
• Usage in High Current Applications
• Industrial Machinery
• Test and Measurement
• Control Systems
• Computers
• Communications
• DC/DC Converters / Power Supplies
• Laptop PC / Tablet PC
• Hard Disk Drives
Website: www.panasonic.com/industrial
industrial@us.panasonic.com
1-800-344-2112
Copyright © 2013 Panasonic Corporation of North America.
All Rights Reserved. Specifications are subject to change without notice.
ETQ-P1W Series NPI Power Choke Coils, FY13-043-XXX
Features
Benefits
Industries
Applications
Part Number Information
RoHS
COMPLIANT
For detailed specification information on the ETQ-P1W Series
Power Choke Coils, visit our website at:
http://www.panasonic.com/industrial/electronic-components/inductive-products/
Additional Information
E
Product Code
T Q
Classification
P 1 W X
Core
X X X X X
Size Winding
Inductance
Core
Packaging
Suffix


Similar Part No. - ETQ-P1W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQ-P2H0R7BFA PANASONIC-ETQ-P2H0R7BFA Datasheet
77Kb / 2P
   Power Choke Coil
ETQ-P3H0R8BFA PANASONIC-ETQ-P3H0R8BFA Datasheet
86Kb / 2P
   Power Choke Coil
logo
Panasonic Battery Group
ETQ-P3W PANASONICBATTERY-ETQ-P3W Datasheet
793Kb / 1P
   Metal Composite, Wirewound Power Choke Coils
logo
Panasonic Semiconductor
ETQ-P3W4R7WFN PANASONIC-ETQ-P3W4R7WFN Datasheet
81Kb / 2P
   Power Choke Coil
ETQ-P4LR36WFC PANASONIC-ETQ-P4LR36WFC Datasheet
75Kb / 2P
   Small mounting size for multi-phase DC-DC converter circuits
More results

Similar Description - ETQ-P1W

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ELL-5PR PANASONICBATTERY-ELL-5PR Datasheet
546Kb / 1P
   NEW! ELL-5PR Series
ELG-TEA PANASONICBATTERY-ELG-TEA Datasheet
135Kb / 1P
   New ELG-TEA Series
logo
Hamamatsu Corporation
R6350 HAMAMATSU-R6350 Datasheet
81Kb / 6P
   NEW COMPACT TYPE PMT SERIES
logo
TOKYO SEIMITSU CO., LTD
ACCTEE ACCRETECH-ACCTEE Datasheet
947Kb / 11P
   New Measurement Style with New Concept
logo
CUI INC
CUI-103E-10 CUI-CUI-103E-10 Datasheet
27Kb / 1P
   NEW DRAWING
logo
E-SWITCH
14-PA5F32C E-SWITCH-14-PA5F32C Datasheet
163Kb / 1P
   NEW RELEASE
logo
List of Unclassifed Man...
DS1095-05 ETC-DS1095-05 Datasheet
137Kb / 1P
   NEW RELEASE
logo
CUI INC
CUI-102E-10 CUI-CUI-102E-10 Datasheet
27Kb / 1P
   NEW DRAWING
logo
Molex Electronics Ltd.
130112-0178 MOLEX11-130112-0178 Datasheet
31Kb / 1P
   Tube Guard Assembly Lawson / New AWSON / NEW
logo
Sanken electric
SI-7510 SANKEN-SI-7510_11 Datasheet
86Kb / 2P
   New Pentagon Connection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com