Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-S6 Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # ERJ-S6
Description  ERJ-S6 Series Line Extension
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ERJ-S6 Datasheet(HTML) 1 Page - Panasonic Battery Group

  ERJ-S6 Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features:
•LowResistanceof100m
Ωto1Ω,withTolerances±1
%,±2%,±5%
•EIACaseSize0805
•PowerRatingof0.25Wat70°C
•TemperatureCoefficient(TCR):±150x10-6ppm/°C
•OperatingTemperatureRange:-55°Cto+155°C
•Supports260°CMaximumTemperatureForLead-
FreeSolderingProcess
•RoHSCompliant
Benefits:
•SulfurResistanceinHarshEnvironments
•LowOhmicResistanceValuesforDesignFlexibility
•GoodTCRandHighRatedPower
Industries:
•OutdoorEnvironment
•Oil-RichEnvironment
•Automotive
•Industrial
•FactoryAutomation
Applications:
•LowOhmic/CurrentSenseFunction
•DC-DCConversion
Panasonic,aworldwideleaderinResistorComponents,isaddingthe
ERJ-S6 Serieslow-resistancetypetoitssuccessful
lineofERJ-SandERJ-UAnti-SulfurThickFilmChipResistors.The
ERJ-S6 Seriescoverstheresistancerangefrom
100m
Ωto1ΩinE24values,withagoodTCRof±150x10-6/°Candhighpowerratingof0.25W,atthe0805EIAcasesize
(2012inmetric).Resistancetolerancesareavailablein±1%,±2%and±5%forapplicationsinvariousprecisionlevels.
The
ERJ-S6 Series is designed with Ag-Pd-based inner electrodes. This characteristic along with the temperature
rangeof-55°Cto+155°Cmakethisproductidealforcorrosion-proneapplicationssuchasoutdoorproducts,industrial
equipments(welding,mining,winery,agriculture),automotive/transportationequipments,telecommunicationequipment,
andfactoryautomation.Theexpandedresistancevaluesallowlow-ohmic(currentsense)designusageofcost-effective
resistorsinthesecriticalapplications,particularlyintheDC-DCswitchpowercircuitareas.
ThisofferingcomplimentsPanasonic’sexistingERJ-SandERJ-Uanti-sulfurthickfilmchipresistorproductfamily,which
includesresistancerangefrom1
Ωto10MΩ,EIAcasesizesfrom0201to2512,andpowerratingfrom0.05Wto1W,
withbothgold-basedandSilver-Palladium-basedinnerelectrodedesigns.
Fordetailedspecification
informationtheERJ-S6
SeriesAnti-SulfurThick
FilmChipResistorsLine
Extension,pleasevisit
panasonic.com/industrial/
components/pdf/ERJ-S6_
Datasheet.pdftoday!
Website: panasonic.com/industrial/electronic-
components/resistive-products/index.aspx
High Performance and Corrosion Tolerant in 0805 Case Size for Low Ohmic Application
ERJ-S6 Series Line Extension
Anti-Sulfur Thick Film Chip Resistors
Copyright © 2011 Panasonic Corporation of North America.
All Rights Reserved. Specifications are subject to change without notice.
EC-ERJ-S6 NPI Rev 1.2, FY11-059-XXX
www.panasonic.com/industrial/electronic-components
piccomponentsmarketing@us.panasonic.com
1-800-344-2112
Additional Information:
Part Number Information:
E
Product Code
Resistance Value
R J
S
Size,
Power Rating
1
2
3
4
5
6
7
8
9
1 0
1 1
Packaging Methods
6
S
J
R
2 0
V
Thick Film
Chip Resistors
Power Rating
0.25 W
Type Inches
S6
0805
T.C.R.
100m
Ω to 200mΩ,
±150x10
-6 /°C (ppm/°C)
220m
Ω to 1Ω,
±150x10
-6 /°C (ppm/°C)
T.C.R.
±1%
±2%
±5%
Code
S
Q
Code
F
G
J
Packaging
Punched Carrier
Taping (4 mm
pitch), 5000 pcs.
Code
V
Temperature
Coefficient
Resistance
Tolerance
Resistance Value (Example)
0.20
Ω = 200mΩ
1.0
Ω = 1000mΩ
R20
1R0


Similar Part No. - ERJ-S6

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-S6SFR13V PANASONIC-ERJ-S6SFR13V Datasheet
33Kb / 1P
   High performance and anti-corrosion in a sulfurated atmosphere
More results

Similar Description - ERJ-S6

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ERJ-A PANASONICBATTERY-ERJ-A Datasheet
968Kb / 2P
   ERJ-A/B Series Line Extension
AQZ PANASONICBATTERY-AQZ Datasheet
147Kb / 1P
   AQZ Series Line Extension
AQA PANASONICBATTERY-AQA Datasheet
181Kb / 1P
   AQA Series Line Extension
ELJ-QF PANASONICBATTERY-ELJ-QF Datasheet
481Kb / 1P
   ELJ-QF Series Line Extension
logo
Panasonic Semiconductor
HL2-HP-DC24V-F PANASONIC-HL2-HP-DC24V-F Datasheet
250Kb / 1P
   HL Series Line Extension Compact, High Capacity Power Relay
logo
Nanjing Qinheng Microel...
CH423 WCH-CH423 Datasheet
209Kb / 9P
   2-line Remote I/O extension chip
logo
Schneider Electric
TMC2SL1 SCHNEIDER-TMC2SL1 Datasheet
103Kb / 2P
   Serial line cartridge, Modicon M221, 1 communication extension
Apr 4, 2022
logo
Molex Electronics Ltd.
1301230095 MOLEX11-1301230095 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car 674 S6
1301230147 MOLEX11-1301230147 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car Round S6 Steel Wheels
logo
Schneider Electric
TMC2CONV01 SCHNEIDER-TMC2CONV01 Datasheet
103Kb / 2P
   Serial line cartridge, Modicon M221, conveying 1 I/O extension
Apr 4, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com