Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR-V3P Datasheet(PDF) 1 Page - Panasonic Battery Group

Part # CR-V3P
Description  Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

CR-V3P Datasheet(HTML) 1 Page - Panasonic Battery Group

  CR-V3P Datasheet HTML 1Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AUGUST 2005
LITHIUM HANDBOOK
This information is generally descriptive only and is not intended to make or imply any representation, guarantee or warranty with respect to any cells and batteries. Cell and battery designs/specifications
are subject to modification without notice. Contact Panasonic for the latest information.
Nominal voltage (V)
Nominal capacity (mAh)
Continuous standard load (mA)
Operating temperature (C)
CR-V3p
14.1
28.4±0.2
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
1000mA Continuous Discharge
CR-V3 2
LR6 4
Discharge Characteristics of CR-V3p(2pc)and"AA"
Alkaline Cell (LR6,4pcs)
20˚C
-10˚C
20˚C
-10˚C
Discharge Time(min)
0
30
60
90
120
150
180
210
* Please consult Panasonic for use below and above
-20°C to +60°C
3
3,000
200
-40 ~ +70*
■ Dimensions(mm)
■ Specification
Weight:39.0g
Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications


Similar Part No. - CR-V3P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR-V3 ETC2-CR-V3 Datasheet
167Kb / 2P
   Primary lithium batteries
More results

Similar Description - CR-V3P

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
2CR5 PANASONICBATTERY-2CR5 Datasheet
31Kb / 1P
   Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
logo
Panasonic Semiconductor
CR2 PANASONIC-CR2 Datasheet
32Kb / 1P
   Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
logo
Panasonic Battery Group
CR123A PANASONICBATTERY-CR123A Datasheet
32Kb / 1P
   Manganese Dioxide Lithium Cylindrical Batteries: Individual Specifications
CR1632 PANASONICBATTERY-CR1632 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2450 PANASONICBATTERY-CR2450 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1216 PANASONICBATTERY-CR1216 Datasheet
54Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2025 PANASONICBATTERY-CR2025 Datasheet
47Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR1616 PANASONICBATTERY-CR1616 Datasheet
52Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
CR2354 PANASONICBATTERY-CR2354 Datasheet
63Kb / 1P
   Manganese Dioxide Lithium Coin Batteries: Individual Specifications
logo
Panasonic Semiconductor
CR2032 PANASONIC-CR2032 Datasheet
62Kb / 1P
   Manganese Dioxide Lithium Coin Batteries : Individual Specifications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com