Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA2903 Datasheet(PDF) 1 Page - Rohm

Part # BA2903
Description  Ground Sense Comparator
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2903 Datasheet(HTML) 1 Page - Rohm

  BA2903 Datasheet HTML 1Page - Rohm BA2903 Datasheet HTML 2Page - Rohm BA2903 Datasheet HTML 3Page - Rohm BA2903 Datasheet HTML 4Page - Rohm BA2903 Datasheet HTML 5Page - Rohm BA2903 Datasheet HTML 6Page - Rohm BA2903 Datasheet HTML 7Page - Rohm BA2903 Datasheet HTML 8Page - Rohm BA2903 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Datasheet
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
1/53
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ02201-0RFR0G200200-1-2
TSZ22111 • 14 • 001
11.Dec.2013 Rev.003
Comparators
Ground Sense Comparator
BA8391G
BA10393F
BA10339xx
BA2903xxx
BA2903Sxxx
BA2903Wxx
BA2901xx
BA2901Sxx
General Description
General purpose BA8391G/BA10393F/BA10339xx
and high reliability BA2903xxxx/BA2901xxx integrate
one, two or four independent high gain voltage
comparator. Some features are the wide operating
voltage that is 2V to 36V (for BA8391G/BA10393F/
BA2903xxxx/BA2901xxx) 3V to 36V (for BA10339xx)
and low supply current. Therefore, this series is
suitable for any application.
Features
 Operable with a Single Power Supply
 Wide Operating Supply Voltage
 Standard Comparator Pin Assignments
 Input and Output are Ground Sense Operated
 Open Collector
 Wide Temperature Range
Application
 General Purpose
 Current Monitor
 Battery Monitor
 Multivibrators
Key Specifications
 Wide Operating Supply Voltage(Single Supply):
BA8391G/BA10393F
+2.0V to +36.0V
BA2903xxx/BA2901xxxx
+2.0V to +36.0V
BA10339xx
+3.0V to +36.0V
 Wide Operating Supply Voltage(Split Supply):
BA8391G/BA10393F
±1.0V to ±18.0V
BA2903xxxx/BA2901xxx
±1.0V to ±18.0V
BA10339xx
±1.5V to ±18.0V
 Wide Temperature Range:
BA8391G/BA10393F/BA10339xx
-40°C to +85°C
BA2903Sxxx/BA2901Sxx
-40°C to +105°C
BA2903xxx/BA2901xx
-40°C to +125°C
 Input Offset Voltage:
BA2903Sxxx/BA2901Sxx
7mV(Max)
BA8391G/BA2903xxx/BA2901xx
7mV(Max)
BA10393F/BA10339xx
5mV(Max)
BA2903Wxx
2mV(Max)
Packages
W(Typ) x D(Typ) x H(Max)
SSOP5
2.90mm x 2.80mm x 1.25mm
SOP8
5.00mm x 6.20mm x 1.71mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP14
8.70mm x 6.20mm x 1.71mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
Selection Guide
BA2903F
BA2903FV
BA2903FVM
BA2903SF
BA2903SFV
BA2903SFVM
+125°C
Operation guaranteed
Input Offset
Voltage
(Max)
BA10339F
BA10339FV
BA10393F
BA2901F
BA2901FV
BA2901SF
BA2901SFV
+85°C
+105°C
General Purpose
Dual
Quad
5mV
5mV
BA8391G
Single
7mV
High Reliability
Dual
7mV
Quad
7mV
2mV
BA2903WF
BA2903WFV


Similar Part No. - BA2903

ManufacturerPart #DatasheetDescription
logo
Rohm
BA2903F ROHM-BA2903F Datasheet
285Kb / 6P
   GROUND SENSE DUAL VOLTAGE COMPARATORS
BA2903F ROHM-BA2903F Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA2903F ROHM-BA2903F Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA2903F ROHM-BA2903F Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903F ROHM-BA2903F Datasheet
533Kb / 25P
   Ground Sense Comparators
More results

Similar Description - BA2903

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8391G ROHM-BA8391G Datasheet
2Mb / 57P
   Ground Sense Comparator
LM393F ROHM-LM393F Datasheet
1Mb / 23P
   Ground Sense Comparator
BA2903WF ROHM-BA2903WF Datasheet
958Kb / 56P
   Ground Sense Comparator
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com