Electronic Components Datasheet Search |
|
BA8391G Datasheet(PDF) 8 Page - Rohm |
|
BA8391G Datasheet(HTML) 8 Page - Rohm |
8 / 56 page Datasheet www.rohm.com TSZ02201-0RFR0G200200-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 8/53 11.Dec.2013 Rev.003 TSZ22111 • 15 • 001 BA8391G BA10393F BA10339xx BA2903xxx BA2903Sxxx BA2903Wxx BA2901xx BA2901Sxx Electrical Characteristics - continued ○BA2903xxx, BA2903S xxx(Unless otherwise specified VCC=+5V, VEE=0V, Ta=25°C) Parameter Symbol Temperature Range Limit Unit Conditions Min Typ Max Input Offset Voltage (Note 29,30) VIO 25°C - 2 7 mV OUT=1.4V Full range - - 15 VCC=5 to 36V, OUT=1.4V Input Offset Current (Note 29,30) IIO 25°C - 5 50 nA OUT=1.4V Full range - - 200 Input Bias Current (Note 30,31) IB 25°C - 50 250 nA OUT=1.4V Full range - - 500 Input Common-mode Voltage Range VICM 25°C 0 - VCC-1.5 V - Large Signal Voltage Gain AV 25°C 25 100 - V/mV VCC=15V, OUT=1.4 to 11.4V RL=15kΩ, VRL=15V 88 100 - dB Supply Current (Note 30) ICC 25°C - 0.6 1 mA OUT=Open Full range - - 2.5 OUT=Open, VCC=36V Output Sink Current (Note 32) ISINK 25°C 6 16 - mA +IN=0V, -IN=1V OUT=1.5V Output Saturation Voltage (Note 30) (Low Level Output Voltage) VOL 25°C - 150 400 mV +IN=0V, -IN= 1V ISINK=4mA Full range - - 700 Output Leakage Current (Note 30) (High Level Output Current) ILEAK 25°C - 0.1 - nA +IN=1V, -IN=0V OUT=5V Full range - - 1 μA +IN=1V, -IN=0V OUT=36V Response Time tRE 25°C - 1.3 - μs RL=5.1kΩ, VRL=5V IN=100mVP-P, Overdrive=5mV - 0.4 - RL=5.1kΩ, VRL=5V, IN=TTL Logic Swing, VREF=1.4V (Note 29) Absolute value (Note 30) BA2903S : Full range -40°C to +105°C, BA2903: Full range -40°C to +125°C (Note 31) Current Direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. (Note 32) Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
Similar Part No. - BA8391G |
|
Similar Description - BA8391G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |