Electronic Components Datasheet Search |
|
BA8391G Datasheet(PDF) 5 Page - Rohm |
|
BA8391G Datasheet(HTML) 5 Page - Rohm |
5 / 56 page Datasheet www.rohm.com TSZ02201-0RFR0G200200-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 5/53 11.Dec.2013 Rev.003 TSZ22111 • 15 • 001 BA8391G BA10393F BA10339xx BA2903xxx BA2903Sxxx BA2903Wxx BA2901xx BA2901Sxx Absolute Maximum Ratings - continued Parameter Symbol Rating Unit BA10393F BA10339xx Supply Voltage VCC-VEE +36 V Power Dissipation Pd SOP8 0.62 (Note 5,8) - W SOP14 - 0.49 (Note 6,8) SSOP-B14 - 0.70 (Note 7,8) Differential Input Voltage (Note 9) VID +36 V Input Common-mode Voltage Range VICM (VEE-0.3) to VCC V Input Current (Note 10) II -10 mA Operating Supply Voltage VOPR +2.0 to +36.0 (±1.0 to ±18.0) +3.0 to +36.0 (±1.5 to ±18.0) V Operating Temperature Range TOPR -40 to +85 °C Storage Temperature Range TSTG -55 to +125 °C Maximum Junction Temperature TJMAX +125 °C (Note 5) To use at temperature above Ta=25°C reduce 6.2mW. (Note 6) To use at temperature above Ta=25°C reduce 4.9mW. (Note 7) To use at temperature above Ta=25°C reduce 7.0mW. (Note 8) Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm). (Note 9) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. (Note 10) Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between the input unless some limiting resistance is used. Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum ratings. Parameter Symbol Rating Unit BA2903Sxxx BA2901Sxx BA2903xxx BA2901xx Supply Voltage VCC-VEE +36 V Power Dissipation Pd SOP8 0.78 (Note 11,16) - 0.78 (Note 11,16) - W SSOP-B8 0.69 (Note 12,16) - 0.69 (Note 12,16) - MSOP8 0.59 (Note 13,16) - 0.59 (Note 13,16) - SOP14 - 0.61 (Note 14,16) - 0.61 (Note 14,16) SSOP-B14 - 0.87 (Note 15,16) - 0.87 (Note 15,16) Differential Input Voltage (Note 17) VID 36 V Input Common-mode Voltage Range VICM (VEE-0.3) to (VEE+36) V Input Current (Note 18) II -10 mA Operating Supply Voltage VOPR +2.0 to +36.0 (±1.0 to ±18.0) V Operating Temperature Range TOPR -40 to +105 -40 to +125 °C Storage Temperature Range TSTG -55 to +150 °C Maximum Junction Temperature TJMAX +150 °C (Note 11) To use at temperature above Ta=25°C reduce 6.2mW. (Note 12) To use at temperature above Ta=25°C reduce 5.5mW. (Note 13) To use at temperature above Ta=25°C reduce 4.7mW. (Note 14) To use at temperature above Ta=25°C reduce 4.9mW. (Note 15) To use at temperature above Ta=25°C reduce 7.0mW. (Note 16) Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm). (Note 17) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. (Note 18) Excessive input current will flow if a differential input voltage in excess of approximately 0.6V is applied between the input unless some limiting resistance is used. Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over the absolute maximum ratings. |
Similar Part No. - BA8391G |
|
Similar Description - BA8391G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |