Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHB120 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # SHB120
Description  2 DDR3 DIMM support up to 16 GB memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SHB120 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  SHB120_14 Datasheet HTML 1Page - Axiomtek Co., Ltd. SHB120_14 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All specifications and photos are subject to change without notice.
193
DDR3 DIMM
FDD
COM 1/2
USB 3.0
SATA-300
SATA-600
Internal K/B+M/S
LPT
VGA
USB 3.0
Ethernet
DVI
USB 2.0
LGA1155
SHB120
LGA1155 Intel
® Core™ i7/ i5/ i3 PICMG
1. 3 Full-size CPU Card with Intel
® Q77 PCH,
SATA3, USB 3.0, VGA/DVI and Dual LANs
LGA1155 for 3rd Generation Intel
® Core™ i7/ i5/ i3
processors (Ivy Bridge)
Intel
® Q77 PCH
2 DDR3 DIMM support up to 16 GB memory
Intel
® AMT 8.0 & TPM (optional) supported
PCIe Gen. 3 at 8GT/s supported
USB 3.0 supported
DVI and VGA for dual displays
I/O
System
MIO
1 x FDD
1 x PS/2 keyboard
1 x PS/2 mouse
1 x LPT; with SPP/EPP/ECP supported
1 x RS-232 (COM 2)
1 x RS-232/422/425 (COM 1)
1 x DVI-D
RIO
2 x RJ45, 1 x VGA or Displayport, 2 x USB 3.0
SATA
2 x SATA-600 & 4 x SATA-300,with RAID 0/1/5/10
Hardware Monitoring
Detect CPU/System temperature, voltage and fan speed
Ethernet
1st ports as 10/100/1000Mbps supports WOL,
RPL/PXE Boot ROM with Intel
® 82574L
2nd port as 10/100/1000Mbps supports WOL,
RPL/PXE Boot ROM with Intel
® 82579LM
Audio
1 x HD Codec audio as MIC-in/Line-in/Line-out/
speaker-out with ALC662
USB
10 x USB 2.0, 4 x USB 3.0
SMBus
Yes
TPM
Infineon SLB9635 for trusted platform (optional)
CPU
LGA1155 for 3rd Generation Intel
® Core™ i7/ i5/ i3
processors (Ivy Bridge)
System Memory
2 x 240-pin DDR3 1333/1600 DIMM max. up to 16 GB
Chipset
Intel
® Q77
BIOS
AMI UEFI BIOS with OA 3.0 built
SSD
N/A
Watchdog Timer
225 levels, 1~255 sec.
Expansion Interface
1 x PCIe x16 (or 2 x PCIe x8), Gen. 3
1 x PCIe x4 (or 4 PCIe x1), Gen. 2
4 x 32 bit PCI bus masters
Battery
Lithium 3v/220 mAH
Power Requirements
Intel
® Core™ i7-2700K
+5V @ 2.1A, +12V @ 8A, +5VSb @ 0.1A, +3.3V @ 2.3A
Size
338 x 122 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Features
DDR3
DDR3
DDR3
USB 3.0
USB
USB
Full Solid
Cap Design
Ordering Information
Packing List
Standard
SHB120VGGA
(P/N: E38C120100)
LGA1155 socket PICMG1.3 full-size CPU card with VGA,
2 10/100/1000Mbps Ethernet and audio
SHB120PGGA
(P/N: E38C120101)
LGA1155 socket PICMG1.3 full-size CPU card with
DisplayPort, 2 10/100/1000Mbps Ethernet and audio
Optional
E9B900C000
LGA1156 cooler 4-pin H: 61.4 mm
50761222000E
LGA1156 2U cooler 3-pin H: 68.8 mm
5938A808010E
2 x USB port cable, L=190 mm
59380000290E
PS/2 keyboard & mouse cable with bracket
593826A0000E
SATA signal cable 500 mm
593836A0030E
4 pin power cable to SATA x 2, L=150 mm
594C1093500E
DVI cable 24-pin header to DVI-D, L=30 cm
71193221200E
DVI bracket
59384500100E
Audio cable w/ bracket, P=2.0, L=450 mm
Standard
Quick installation guide, user's manual/utility CD, cable
Cable
Part Number
Description
Qty
59380502000E
COM+Print cable w/bracket
1
593826A0000E
SATA signal cable 500 mm
1
Display
Chipset
Intel
® HD Graphics
Memory Size
Max. up to 352 MB frame buffer dedicated
memory
Display Interface
1 x VGA (default)
1 x DVI-D (header)
1 x DisplayPort (optional)


Similar Part No. - SHB120_14

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB120 AXIOMTEK-SHB120_16 Datasheet
193Kb / 1P
   2 DDR3 DIMM support up to 16 GB memory
SHB120 AXIOMTEK-SHB120_17 Datasheet
189Kb / 1P
   PICMG 1.3 Full-size CPU Card with LGA1155 3rd Gen Intel Core i7/i5/i3 Processor
More results

Similar Description - SHB120_14

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB120 AXIOMTEK-SHB120_16 Datasheet
193Kb / 1P
   2 DDR3 DIMM support up to 16 GB memory
SHB108 AXIOMTEK-SHB108_14 Datasheet
179Kb / 2P
   2 DDR3-1066/1333 DIMM support up to 16 GB memory
SHB106 AXIOMTEK-SHB106_16 Datasheet
174Kb / 1P
   2 DDR3-1066/1333 DIMM support up to 16 GB memory capacity
SHB108 AXIOMTEK-SHB108_16 Datasheet
213Kb / 1P
   2 DDR3-1066/1333 DIMM support up to 16 GB memory capacity
SHB130 AXIOMTEK-SHB130_16 Datasheet
235Kb / 1P
   2 DDR3 DIMM max. up to 16 GB memory capacity
SBC81210 AXIOMTEK-SBC81210_14 Datasheet
189Kb / 1P
   2 DDR3 1066/1333 DIMM support up to 8 GB memory capacity
SHB111 AXIOMTEK-SHB111_16 Datasheet
177Kb / 1P
   2 DDR3-800/1066 DIMM support up to 8 GB memory capacity
SHB211 AXIOMTEK-SHB211_15 Datasheet
184Kb / 1P
   2 DDR3 SO-DIMM support up to 8 GB
SBC81210 AXIOMTEK-SBC81210_16 Datasheet
178Kb / 1P
   2 DDR3-1066/1333 DIMM support up to 8 GB memory capacity
SHB103 AXIOMTEK-SHB103_16 Datasheet
218Kb / 1P
   2 DDR3-1066/1333 DIMM support up to 8 GB memory capacity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com