Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC550CBU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BC550CBU
Description  NPN Epitaxial Silicon Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC550CBU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BC550CBU Datasheet HTML 1Page - Fairchild Semiconductor BC550CBU Datasheet HTML 2Page - Fairchild Semiconductor BC550CBU Datasheet HTML 3Page - Fairchild Semiconductor BC550CBU Datasheet HTML 4Page - Fairchild Semiconductor BC550CBU Datasheet HTML 5Page - Fairchild Semiconductor BC550CBU Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC546 / BC547 / BC548 / BC549 / BC550 Rev. 1.1.0
1
April 2014
BC546 / BC547 / BC548 / BC549 / BC550
NPN Epitaxial Silicon Transistor
Features
• Switching and Amplifier
• High-Voltage: BC546, VCEO = 65 V
• Low-Noise: BC549, BC550
• Complement to BC556, BC557, BC558, BC559, and BC560
Ordering Information
Part Number
Marking
Package
Packing Method
BC546ABU
BC546A
TO-92 3L
Bulk
BC546ATA
BC546A
TO-92 3L
Ammo
BC546BTA
BC546B
TO-92 3L
Ammo
BC546BTF
BC546B
TO-92 3L
Tape and Reel
BC546CTA
BC546C
TO-92 3L
Ammo
BC547ATA
BC547A
TO-92 3L
Ammo
BC547B
BC547B
TO-92 3L
Bulk
BC547BBU
BC547B
TO-92 3L
Bulk
BC547BTA
BC547B
TO-92 3L
Ammo
BC547BTF
BC547B
TO-92 3L
Tape and Reel
BC547CBU
BC547C
TO-92 3L
Bulk
BC547CTA
BC547C
TO-92 3L
Ammo
BC547CTFR
BC547C
TO-92 3L
Tape and Reel
BC548BU
BC548
TO-92 3L
Bulk
BC548BTA
BC548B
TO-92 3L
Ammo
BC548CTA
BC548C
TO-92 3L
Ammo
BC549BTA
BC549B
TO-92 3L
Ammo
BC549BTF
BC549B
TO-92 3L
Tape and Reel
BC549CTA
BC549C
TO-92 3L
Ammo
BC550CBU
BC550C
TO-92 3L
Bulk
BC550CTA
BC550C
TO-92 3L
Ammo
1. Collector 2. Base 3. Emitter
TO-92
1


Similar Part No. - BC550CBU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC550CBU FAIRCHILD-BC550CBU Datasheet
50Kb / 4P
   Switching and Applications
BC550CBU FAIRCHILD-BC550CBU Datasheet
151Kb / 6P
   Switching and Amplifier
More results

Similar Description - BC550CBU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com