Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AR2500 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part No. AR2500
Description  AUTOMOTIVE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

AR2500 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  AR2500 Datasheet HTML 1Page - EIC discrete Semiconductors AR2500 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AR2500 - AR2512
AUTOMOTIVE
RECTIFIER DIODES
PRV : 50 - 1200 Volts
Io : 25 Amperes
FEATURES :
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Terminals : Terminal are readily solderable
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight :
1.84 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
AR
2500
AR
2501
AR
2502
AR
2504
AR
2506
AR
2508
AR
2510
AR
2512
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
1200
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
840
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
1200
Volts
Average Rectified Forward Current Tc = 150
°C
IF(AV)
25
Amps.
Peak Forward Surge Current Single half sine
wave superimposed on rated load (JEDEC Method)
IFSM
400
Amps.
Maximum Forward Voltage at IF = 25 Amps.
VF
1.0
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Thermal Resistance (Note 1)
R
θJC
0.8
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Marking Code
Note : (1) Thermal resistance from junction to case. Single side cooled.
UPDATE : OCTOBER 19, 2000
RATING
Dimensions in inches and (millimeter)
0.410 (10.4)
0.380 (9.70)
0.185 (4.7)
0.165 (4.2)
0.250 (6.4)
0.235 (6.0)
0.225 (5.7)
0.215 (5.5)
5
° NOM


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MR3500 AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
MR3500L AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
MR5000 AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
MR5000L AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR2500L AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR3500 AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR3500L AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR5000 AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
AR5000L AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors
MR2500 AUTOMOTIVE RECTIFIER DIODES 1  2  EIC discrete Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn