Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF275G Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part No. MRF275G
Description  The RF MOSFET Line 150W, 500MHz, 28V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MRF275G Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MRF275G Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MRF275G Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MRF275G Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MRF275G Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MRF275G Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MRF275G Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MRF275G Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MRF275G Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MRF275G Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
The RF MOSFET Line
150W, 500MHz, 28V
M/A-COM Products
Released - Rev. 07.07
MRF275G
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Product Image
CASE 375–04, STYLE 2
Designed primarily for wideband large–signal output and
driver stages from 100 – 500 MHz.
N-Channel enhancement mode
Guaranteed performance @ 500 MHz, 28 Vdc
Output power — 150 W
Power gain — 10 dB (min.)
Efficiency — 50% (min.)
100% tested for load mismatch at all phase angles
with VSWR 30:1
Overall lower capacitance @ 28 V
Ciss — 135 pF
Coss — 140 pF
Crss — 17 pF
Simplified AVC, ALC and modulation
Typical data for power amplifiers in industrial and
commercial applications:
Typical performance @ 400 MHz, 28 Vdc
Output power — 150 W
Power gain — 12.5 dB
Efficiency — 60%
Typical performance @ 225 MHz, 28 Vdc
Output power — 200 W
Power gain — 15 dB
Efficiency — 65%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn