Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S12B-PADSS-1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S12B-PADSS-1
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S12B-PADSS-1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S12B-PADSS-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers S12B-PADSS-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers S12B-PADSS-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAD CONNECTOR
Top entry type
Side entry type
Circuit No.1
10.5
(3)
2
A
B
Circuit No.1
10.5
(3)
2
A
B
Circuit No.1
2.5 2
3.1
9.5
1.3
0.5
2
A
B
2.5 2
3.1
9.5
1.3
0.5
2
A
B
Circuit No.1
(16 circuits or more)
(16 circuits or more)
(14 circuits or less)
(14 circuits or less)
RoHS compliance This product displays (LF)(SN) on a label.
Note: *Marked product is not TÜV approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B16B-PADSS(-1F)-
S…natural (white)
K…black R…red Y…yellow E…blue M…green P…purple
L…lemon yellow
3
Shrouded header
Circuit
Model No.
Top entry type
Side entry type
Dimensions
(mm)
AB
Material and Finish
Top
entry type
With a boss
Without a boss
Side
entry type
Q'ty / box
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0,
(natural) [side entry type]
Glass-filled PA 66, UL94V-0,
(natural) [top entry type]
10
12
14
16
20
22
24
*40
B10B-PADSS-1F
B12B-PADSS-1F
B14B-PADSS-1F
B16B-PADSS-1F
B20B-PADSS-1F
B22B-PADSS-1F
B24B-PADSS-1F
B40B-PADSS-1F
B10B-PADSS-F
B12B-PADSS-F
B14B-PADSS-F
B16B-PADSS-F
B20B-PADSS-F
B22B-PADSS-F
B24B-PADSS-F
S10B-PADSS-1
S12B-PADSS-1
S14B-PADSS-1
S16B-PADSS-1
S20B-PADSS-1
S24B-PADSS-1
8.0
10.0
12.0
14.0
18.0
20.0
22.0
38.0
12.0
14.0
16.0
18.0
22.0
24.0
26.0
42.0
400
300
300
200
150
150
150
100
504
420
364
336
280
224


Similar Part No. - S12B-PADSS-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S12B-PASK-2 ETC2-S12B-PASK-2 Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
More results

Similar Description - S12B-PADSS-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
S16B-PUDSS-1 ETC2-S16B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com