Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S12B-PADSS-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S12B-PADSS-1
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S12B-PADSS-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S12B-PADSS-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers S12B-PADSS-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers S12B-PADSS-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
PAD CONNECTOR
5.7
2.85
2.05
1
1.5
Material and Finish
Model No.
Applicable wire
Q'ty /
reel
mm2
AWG #
Insulation O.D. (mm)
1.0∼1.5
0.8∼1.5
26∼22
28∼24
0.13∼0.33
0.08∼0.22
SPH-001T-P0.5L
SPH-002T-P0.5L
8,000
Phosphor bronze, tin-plated (reflow treatment)
Circuit
Model No.
Dimensions (mm)
Q'ty /
bag
AB
Material
PA 66, UL94V-0, natural (white)
10
12
14
16
20
22
24
*40
PADP-10V-1-S
PADP-12V-1-S
PADP-14V-1-S
PADP-16V-1-S
PADP-20V-1-S
PADP-22V-1-S
PADP-24V-1-S
PADP-40V-1-S
8.0
10.0
12.0
14.0
18.0
20.0
22.0
38.0
12.0
14.0
16.0
18.0
22.0
24.0
26.0
42.0
1,000
1,000
1,000
250
200
1,000
1,000
500
Circuit No.1 mark
10
2
2
B
A
10
B
A
2
2
Circuit No.1 mark
3.9
1.5
3
7.5
Model No.
mm2
AWG #
Material and Finish
SPND-001T-C0.5
SPND-002T-C0.5
0.13∼0.33
0.08∼0.22
26∼22
28∼24
Copper alloy, tin-plated (reflow treatment)
Applicable wire
Insulation O.D.
(mm)
Q'ty /
reel
1.0∼1.5
0.8∼1.5
8,000
RoHS compliance
Note: SPND-( )T-C0.5 is low insertion/withdrawal force type contact, in order
to improve the work of insertion/withdrawal.
RoHS compliance
SPH-002T-P0.5L
MKS-L
*MKS-SC
MK/SPH-002-05L
SC/SPH-002-05L
APLMK SPH002-05L
APLSC SPH002-05L
Note: *Strip-crimp applicator
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
SPH-001T-P0.5L
AP-K2N
MKS-L
MK/SPH-001-05L
APLMK SPH001-05L
SPND-002T-C0.5
MKS-L
MK/SPAD/ND-002-05
APLMK SPAD/ND002-05
Contact
Crimp applicator
Dies
Crimp applicator with dies
Applicator
SPND-001T-C0.5
AP-K2N
MKS-L
MK/SPND-001-05
APLMK SPND001-05
RoHS compliance
Note: *Marked product is not TÜV approved.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PADP-16V-1-S-
S…natural (white)
K…black R…red Y…yellow E…blue M…green P…purple
L…lemon yellow
Contact
Crimping
machine
Crimping
machine
(14 circuits or less)
(16 circuits or more)
Housing


Similar Part No. - S12B-PADSS-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S12B-PASK-2 ETC2-S12B-PASK-2 Datasheet
366Kb / 11P
   FAMILY SERIES/PA?줡AF?줡AL CONNECTOR
More results

Similar Description - S12B-PADSS-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
S16B-PUDSS-1 ETC2-S16B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com