Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQ5032BR-25.000 Datasheet(PDF) 2 Page - Fox Electronics

Part # FQ5032BR-25.000
Description  Resin Sealed SMD Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FQ5032BR-25.000 Datasheet(HTML) 2 Page - Fox Electronics

  FQ5032BR-25.000 Datasheet HTML 1Page - Fox Electronics FQ5032BR-25.000 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
Resin Sealed SMD Crystal
Resin Sealed SMD Crystal
Rev. 6/19/2014
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FQ5032 SERIES
Page 2 of 2
• TAPE SPECIFICATIONS (millimeters)
MODEL
FQ5032
A
1.5
B
4.0
C
8.0
D
5.5
E
12.0
F
1.5
STD Reel QTY
1,000
• REEL SPECIFICATIONS (millimeters)
G
2.0
H
13
I
21
J
62
K
180
L
13.5
M
2.0
MODEL
FQ5032
• FQ5032 Standard Crystals
Frequency
10.000000
12.000000
16.000000
20.000000
24.000000
25.000000
10.000000
12.000000
16.000000
20.000000
24.000000
25.000000
CL
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
Part Number
FQ5032B-10.000
FQ5032B-12.000
FQ5032B-16.000
FQ5032B-20.000
FQ5032B-24.000
FQ5032B-25.000
FQ5032BR-10.000
FQ5032BR-12.000
FQ5032BR-16.000
FQ5032BR-20.000
FQ5032BR-24.000
FQ5032BR-25.000
All specifications subject to change without notice.
Tolerance
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
Stability
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Temp Range
0 to +70 C
0 to +70 C
0 to +70 C
0 to +70 C
0 to +70 C
0 to +70 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C


Similar Part No. - FQ5032BR-25.000

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQ5032BR-25.000 FOX-FQ5032BR-25.000 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
More results

Similar Description - FQ5032BR-25.000

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FQ3225B-27.000 FOX-FQ3225B-27.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-18.432 FOX-FQ5032B-18.432 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-12.000 FOX-FQ3225B-12.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-25.000 FOX-FQ3225B-25.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032A FOX-FQ5032A_13 Datasheet
123Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-6.000 FOX-FQ1045A-6.000 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ3225B-24.000 FOX-FQ3225B-24.000 Datasheet
467Kb / 2P
   Resin Sealed SMD Crystal
FQ5032B-24.576 FOX-FQ5032B-24.576 Datasheet
502Kb / 2P
   Resin Sealed SMD Crystal
FQ1045AR-3.6864 FOX-FQ1045AR-3.6864 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
FQ1045A-49152 FOX-FQ1045A-49152 Datasheet
550Kb / 2P
   Resin Sealed SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com