Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN2060-12-06 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN2060-12-06
Description  Multi-stage General Purpose EMI Filter Single-Phase Filters FN 2060
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN2060-12-06 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN2060-12-06 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN2060-12-06 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN2060-12-06 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN2060-12-06 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN2060-12-06 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Multi-stage General Purpose EMI Filter
Single-Phase Filters FN 2060
Rated currents from 1 to 30 A
High differential and common-mode attenuation
Optional medical versions (B type)
Optional safety versions (A type)
Technical specifications
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Operating frequency
dc to 400 Hz
Rated currents
1 to 30 A @ 40 °C max.
High potential test voltage
P –> PE 2000 VAC for 2 sec
P –> PE 2500 VAC for 2 sec (B types)
P –> N 1100 VDC for 2 sec
Temperature range (operation and storage) -25 °C to +100 °C (25/100/21)
Flammability corresponding to
UL 94 V-2 or better
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
MTBF @ 40°C/230V (Mil-HB-217F)
950,000 hours
1,650,000 hours (B types)
Approvals
Features andbenefits
FN 2060 two-stage filters are designed for easy and
fast chassis mounting
FN 2060 filters are also available as B versions
without Y-capacitors for medical applications as
well as A version with low capacitance for safety
critical applications with necessity for low leakage
currents
All filters provide a high conducted attenuation
performance, based on chokes with high saturation
resistance and excellent thermal behavior
FN 2060 two-stage filters are designed for noisy
applications requiering good differential and
common-mode attenuation
FN 2060 filters are also available as single-stage
filters (FN 2010 series)
Various terminal options allow you to select the
desired connection style
Typical applications
Electrical and electronic equipment
Consumer goods
Household equipment
Building automation
Industrial applications
Machinery
Medical equipment
Electronic data processing equipment
Office automation and datacom equipment
Various noisy applications requiering good filter
performance
Typical electrical schematic


Similar Part No. - FN2060-12-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2060-16-06 ETC2-FN2060-16-06 Datasheet
1Mb / 4P
   1A - 30A
More results

Similar Description - FN2060-12-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN2070-16-07 ETC2-FN2070-16-07 Datasheet
260Kb / 5P
   Multi-stage Performance EMI Filter Single-Phase Filters FN 2070
FN2010-6-06 ETC2-FN2010-6-06 Datasheet
201Kb / 5P
   General Purpose EMI Filter Single-Phase Filters FN 2010
FN2080-16-07 ETC2-FN2080-16-07 Datasheet
182Kb / 5P
   Multi-stage High Performance EMI Filter Single-Phase Filters FN 2080
FN2030-6-06 ETC2-FN2030-6-06 Datasheet
249Kb / 5P
   General Purpose EMI Filter with High Attenuation Performance Single-Phase Filters FN 2030
FN2060-6-06 ETC2-FN2060-6-06 Datasheet
598Kb / 5P
   Multi-stage General Purpose EMI Filter
logo
Schaffner International...
FN-2060 SCHAFFNER-FN-2060 Datasheet
969Kb / 7P
   Multi-stage General Purpose AC/DC EMI Filter
FN-352-Z SCHAFFNER-FN-352-Z Datasheet
291Kb / 4P
   Multi-stage EMI Filter
logo
List of Unclassifed Man...
FN3359-600-99 ETC2-FN3359-600-99 Datasheet
227Kb / 4P
   High-current EMC/RFI Filter 3-Phase Filters FN 3359
FN410-6-02 ETC2-FN410-6-02 Datasheet
159Kb / 3P
   High Performance Two-stage PCB-mounting EMC Filter PCB Filters FN 410
FN405-10-02 ETC2-FN405-10-02 Datasheet
151Kb / 3P
   PCB-mounting filter PCB Filters FN 405
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com