Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN258-55-07 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FN258-55-07
Description  Book-style EMC/RFI Filter for Inverters and Power Drive Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN258-55-07 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FN258-55-07 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN258-55-07 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN258-55-07 Datasheet HTML 3Page - List of Unclassifed Manufacturers FN258-55-07 Datasheet HTML 4Page - List of Unclassifed Manufacturers FN258-55-07 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EMC/EMIProducts
SchaffnerGroup Datasheets 2014
Filter selectiontable
Filter*
Rated current
Typical drive
Leakage current***
Power loss
Input
Output Weight
@ 50 °C (40 °C)
power rating**
@ 440 VAC/50 Hz
@ 25 °C/50 Hz
connections
connections
[A]
[kW]
[mA]
[W]
[kg]
FN258-7-..
7 (7.7)
4
16.5
9
-29
-07
-29
1.0
FN258-16-..
16 (17.5)
7.5
18.3
20
-29
-07
-29
1.4
FN258-30-..
30 (33)
15
24.2
21
-33
-07
-33
1.7
FN258-42-..
42 (46)
22
25.8
30
-33
-07
-33
2.5
FN258-55-..
55 (60)
30
25.8
30
-34
-07
-34
2.9
FN258-75-34
75 (82)
37
25.8
24
-34
-34
3.9
FN258-100-35
100 (110)
55
25.8
51
-35
-35
5.5
FN258-130-35
130 (143)
75
30.0
50
-35
-35
6.9
FN258-180-..
180 (197)
90
30.0
73
-40
-07
-40
11.0
FN258-250-..
250 (275)
132
30.0
79
-40
-07
-40
12.0
FN258HV-7-29
7 (7.7)
5.5
13.0
9
-29
-29
1.0
FN258HV-16-29
16 (17.5)
11
19.0
20
-29
-29
1.5
FN258HV-30-33
30 (33)
22
19.0
21
-33
-33
1.8
FN258HV-42-33
42 (46)
30
21.6
30
-33
-33
2.6
FN258HV-55-34
55 (60)
45
21.6
30
-34
-34
3.0
FN258HV-75-34
75 (82)
55
21.6
24
-34
-34
4.3
FN258HV-100-35
100 (110)
90
21.6
51
-35
-35
5.6
FN258HV-130-35
130 (143)
110
25.0
50
-35
-35
7.1
FN258HVIT-7-29
7 (7.7)
5.5
13.0
9
-29
-29
1.0
FN258HVIT-16-29
16 (17.5)
11
19.0
20
-29
-29
1.5
FN258HVIT-30-33
30 (33)
22
19.0
21
-33
-33
1.8
FN258HVIT-42-33
42 (46)
30
21.6
30
-33
-33
2.6
FN258HVIT-55-34
55 (60)
45
21.6
30
-34
-34
3.0
FN258HVIT-75-34
75 (82)
55
21.6
24
-34
-34
4.3
FN258HVIT-100-35
100 (110)
90
21.6
51
-35
-35
5.6
FN258HVIT-130-35
130 (143)
110
25.0
50
-35
-35
7.1
FN258L-7-..
7 (7.7)
4
0.8
9
-29
-07
-29
1.0
FN258L-16-..
16 (17.5)
7.5
0.8
20
-29
-07
-29
1.4
FN258L-30-..
30 (33)
15
0.8
21
-33
-07
-33
1.7
FN258L-42-..
42 (46)
22
0.7
30
-33
-07
-33
2.5
FN258L-55-..
55 (60)
30
0.7
30
-34
-07
-34
2.9
FN258L-75-34
75 (82)
37
0.7
24
-34
-34
3.9
FN258L-100-35
100 (110)
55
0.7
51
-35
-35
5.5
FN258L-130-35
130 (143)
75
0.7
50
-35
-35
6.9
FN258L-180-..
180 (197)
90
0.7
73
-40
-07
-40
11.0
FN258L-250-07
250 (275)
132
0.7
79
-40
-07
12.0
FN258P-7-..
7 (7.7)
4
3.3
9
-29
-07
-29
1.0
FN258P-16-..
16 (17.5)
7.5
3.3
20
-29
-07
-29
1.4
FN258P-30-..
30 (33)
15
3.3
21
-33
-07
-33
1.7
FN258P-42-..
42 (46)
22
3.5
30
-33
-07
-33
2.5
FN258P-55-..
55 (60)
30
3.5
30
-34
-07
-34
2.9
FN258P-75-34
75 (82)
37
3.5
24
-34
-34
3.9
FN258P-100-35
100 (110)
55
3.5
51
-35
-35
5.5
FN258P-130-35
130 (143)
75
3.5
50
-35
-35
6.9
FN258P-180-..
180 (197)
90
3.5
73
-40
-07
-40
11.0
FN258P-250-07
250 (275)
132
3.6
79
-40
-07
12.0
***To compile a complete part number, please replace the -.. with the required output connection style.
***Calculated at rated current, 440 VAC (FN 258) / 690 VAC (FN 258 HV) and cos phi = 0.8. The exact value depends upon the efficiency of the drive, the motor and the entire
***application.
***Maximum leakage under normal operating conditions (FN 258 at 440 V, FN 258 HV at 690 V). Note: if two phases are interrupted, worst case leakage could reach 5.7 times
***higher levels.
2


Similar Part No. - FN258-55-07

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN258-100-35 SCHAFFNER-FN258-100-35 Datasheet
466Kb / 5P
   Book-style EMC/RFI Filter for Inverters and Power Drive Systems
FN258-130-35 SCHAFFNER-FN258-130-35 Datasheet
466Kb / 5P
   Book-style EMC/RFI Filter for Inverters and Power Drive Systems
logo
List of Unclassifed Man...
FN258-7-07 ETC2-FN258-7-07 Datasheet
309Kb / 4P
   Book-style EMC/RFI Filter for Inverters and Power Drive Systems
More results

Similar Description - FN258-55-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN258-7-07 ETC2-FN258-7-07 Datasheet
309Kb / 4P
   Book-style EMC/RFI Filter for Inverters and Power Drive Systems
logo
Schaffner International...
FN-258 SCHAFFNER-FN-258 Datasheet
466Kb / 5P
   Book-style EMC/RFI Filter for Inverters and Power Drive Systems
FN-3287 SCHAFFNER-FN-3287 Datasheet
1Mb / 9P
   Smallest book-style EMC/RFI Filter for Inverter and Power Drive Systems
FN3840 SCHAFFNER-FN3840 Datasheet
1Mb / 6P
   Book-style EMC/RFI Filter for regenerative drive application
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
   Compact EMC/RFI Filter for Industrial Motor Drive Applications
FN-2200 SCHAFFNER-FN-2200 Datasheet
1Mb / 5P
   EMC/EMI Filter for PV Inverters
logo
List of Unclassifed Man...
FN2200-600-99 ETC2-FN2200-600-99 Datasheet
461Kb / 4P
   DC EMC/EMI Filter for PV Inverters
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
   Compact EMC/RFI Filter for Motor Drives
FN-3120 SCHAFFNER-FN-3120 Datasheet
309Kb / 4P
   High-Performance EMC/RFI Filter for Drives
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
   High-current EMC/RFI Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com