Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA180N30D Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FGA180N30D
Description  High Current Capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGA180N30D Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FGA180N30D Datasheet HTML 1Page - Fairchild Semiconductor FGA180N30D Datasheet HTML 2Page - Fairchild Semiconductor FGA180N30D Datasheet HTML 3Page - Fairchild Semiconductor FGA180N30D Datasheet HTML 4Page - Fairchild Semiconductor FGA180N30D Datasheet HTML 5Page - Fairchild Semiconductor FGA180N30D Datasheet HTML 6Page - Fairchild Semiconductor FGA180N30D Datasheet HTML 7Page - Fairchild Semiconductor FGA180N30D Datasheet HTML 8Page - Fairchild Semiconductor FGA180N30D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
FGA180N30D Rev. B
Package Marking and Ordering Information
Electrical Characteristics of the IGBT T
C = 25°C unless otherwise noted
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FGA180N30D
FGA180N30D
TO-3PN
--
--
30
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVCES
Collector-Emitter Breakdown Voltage
VGE = 0V, IC = 250µA
300
--
--
V
∆BV
CES/
∆T
J
Temperature Coefficient of Breakdown
Voltage
VGE = 0V, IC = 250µA--
0.6
--
V/
°C
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
--
--
100
µA
IGES
G-E Leakage Current
VGE = VGES, VCE = 0V
--
--
± 250
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 250uA, VCE = VGE
2.5
4.0
5.0
V
VCE(sat)
Collector to Emitter
Saturation Voltage
IC = 40A, VGE = 15V
--
1.1
1.4
V
IC = 180A, VGE = 15V,
TC = 25°C
--
1.9
--
V
IC = 180A, VGE = 15V,
TC = 125°C
--
2.0
--
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
--
3420
--
pF
Coes
Output Capacitance
--
520
--
pF
Cres
Reverse Transfer Capacitance
--
150
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 200V, IC = 40A,
RG = 5Ω, VGE = 15V,
Resistive Load, TC = 25°C
--
30
--
ns
tr
Rise Time
--
210
--
ns
td(off)
Turn-Off Delay Time
--
100
--
ns
tf
Fall Time
--
140
300
ns
Eon
Turn-On Switching Loss
--
0.26
--
mJ
Eoff
Turn-Off Switching Loss
--
0.75
--
mJ
Ets
Total Switching Loss
--
1.01
--
mJ
td(on)
Turn-On Delay Time
VCC = 200V, IC = 40A,
RG = 5Ω, VGE = 15V,
Resistive Load, TC = 125°C
--
30
--
ns
tr
Rise Time
--
230
--
ns
td(off)
Turn-Off Delay Time
--
110
--
ns
tf
Fall Time
--
220
--
ns
Eon
Turn-On Switching Loss
--
0.27
--
mJ
Eoff
Turn-Off Switching Loss
--
1.0
--
mJ
Ets
Total Switching Loss
--
1.27
--
mJ
Qg
Total Gate Charge
VCE = 200V, IC = 40A,
VGE = 15V
--
185
277
nC
Qge
Gate-Emitter Charge
--
24
36
nC
Qgc
Gate-Collector Charge
--
88
132
nC


Similar Part No. - FGA180N30D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGA180N30D FAIRCHILD-FGA180N30D Datasheet
758Kb / 9P
   300V PDP IGBT
More results

Similar Description - FGA180N30D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
logo
Vishay Siliconix
VS-VSKT570-16PBF VISHAY-VS-VSKT570-16PBF Datasheet
235Kb / 8P
   High current capability
Revision: 05-Dec-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com