Electronic Components Datasheet Search |
|
P6SMB250A Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
P6SMB250A Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 7 page PAGE . 1 December 2,2013-REV.08 P6SMB SERIES FEATURES • For surface mounted applications in order to optimize board space. • Glass passivated junction • Low inductance • Plastic package has Underwriters Laboratory Fammability Classification 94V-O • High temperature soldering : 260°C /10 seconds at terminals • Lead free in compliance with EU RoHS 2011/65/EU directives • Green molding compound as per IEC61249 Std. . (Halogen Free) MECHANICAL DATA • Case:JEDEC DO-214AA ,Molded plastic over passivated junction • Terminals: Solder plated,solderable per MIL-STD-750,Method 2026 • Polarity : Color band denotes cathode end • Standard Packaging:12mm tape (EIA-481) • Weight: 0.003 ounce, 0.093 gram NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25oC per Fig. 2. 2. Mounted on 5mm2 (0.13mm thick) land areas. 3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulse s per minute maximum. 4. A transient suppressor is selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than the DC or continuous peak operating voltage level. DEVICES FOR BIPOLAR APPLICATIONS For Bidirectional use C or CA Suffix for types Ele ctrical characteristics apply in both directions. MAXIMUM RATINGS AND CHARACTERISTICS Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%. SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600Watts BREAK DOWN VOLTAGE 6.8 to 400 Volt Rating Symbol Value Units Peak Pulse Power Dissipation on 10/1000s waveform (Notes 1,2, Fig.1) P PP 600 Watts Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (Notes 2,3) I FSM 100 Amps Peak Pulse Current on 10/1000s waveform (Notes 1) Fig.3 I PPM see Table 1 Amps Typical Thermal Resistance Junction to Air (Notes 2) R JA 60 O C / W Operating Junction and Storage Temperature Range T J,TSTG -55 to +150 O C 0.185(4.70) 0.160(4.06) 0.050(1.27) 0.030(0.76) 0.220(5.59) 0.200(5.08) 0.012(0.305) 0.006(0.152) |
Similar Part No. - P6SMB250A |
|
Similar Description - P6SMB250A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |