Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDT55AN06LA0 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDT55AN06LA0
Description  N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT55AN06LA0 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDT55AN06LA0 Datasheet HTML 1Page - Fairchild Semiconductor FDT55AN06LA0 Datasheet HTML 2Page - Fairchild Semiconductor FDT55AN06LA0 Datasheet HTML 3Page - Fairchild Semiconductor FDT55AN06LA0 Datasheet HTML 4Page - Fairchild Semiconductor FDT55AN06LA0 Datasheet HTML 5Page - Fairchild Semiconductor FDT55AN06LA0 Datasheet HTML 6Page - Fairchild Semiconductor FDT55AN06LA0 Datasheet HTML 7Page - Fairchild Semiconductor FDT55AN06LA0 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDT55AN06LA0 Rev. A
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr i v e r
R
G
S a m e T y pe
as D U T
V
GS
• d v / dt c o nt r o l l ed by R
G
•I
SD c ont r o l l e d
by pul s e per i o d
V
DD
L
I
SD
10 V
V
GS
( D r i v e r )
I
SD
( D U T )
V
DS
( DUT )
V
DD
B ody D i od e
Fo r w a r d V o l t a g e D r o p
V
SD
I
FM , B o dy D i ode
F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I
RM
B o d y D i ode R e c o v e r y dv / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
DU T
V DS
+
_
Dr i v e r
R
G
S a m e T y pe
as D U T
V
GS
• d v / dt c o nt r o l l ed by R
G
•I
SD c ont r o l l e d
by pul s e per i o d
V
DD
LL
I
SD
10 V
V
GS
( D r i v e r )
I
SD
( D U T )
V
DS
( DUT )
V
DD
B ody D i od e
Fo r w a r d V o l t a g e D r o p
V
SD
I
FM , B o dy D i ode
F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I
RM
B o d y D i ode R e c o v e r y dv / d t
di / d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----


Similar Part No. - FDT55AN06LA0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT-21-GREASE-S1 FAIRCHILD-FDT-21-GREASE-S1 Datasheet
411Kb / 2P
   Wall Mount Ultrasonic FlowMeter For Clean Liquids
FDT-21-GREASE-S1H FAIRCHILD-FDT-21-GREASE-S1H Datasheet
411Kb / 2P
   Wall Mount Ultrasonic FlowMeter For Clean Liquids
FDT-21-HM FAIRCHILD-FDT-21-HM Datasheet
411Kb / 2P
   Wall Mount Ultrasonic FlowMeter For Clean Liquids
FDT-21-HS FAIRCHILD-FDT-21-HS Datasheet
411Kb / 2P
   Wall Mount Ultrasonic FlowMeter For Clean Liquids
FDT-21-L1 FAIRCHILD-FDT-21-L1 Datasheet
411Kb / 2P
   Wall Mount Ultrasonic FlowMeter For Clean Liquids
More results

Similar Description - FDT55AN06LA0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8896 FAIRCHILD-FDD8896 Datasheet
130Kb / 11P
   N-Channel PowerTrench MOSFET
FDD5680 FAIRCHILD-FDD5680 Datasheet
83Kb / 4P
   N-Channel, PowerTrench??MOSFET
FDD20AN06_F085 FAIRCHILD-FDD20AN06_F085 Datasheet
325Kb / 11P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDD86369 ONSEMI-FDD86369 Datasheet
1Mb / 8P
   N-Channel PowerTrench MOSFET
January, 2017, Rev. 1.0
logo
Fairchild Semiconductor
FDMS86152 FAIRCHILD-FDMS86152 Datasheet
258Kb / 7P
   N-Channel PowerTrench MOSFET
logo
ON Semiconductor
FDWS86380_F085 ONSEMI-FDWS86380_F085 Datasheet
528Kb / 8P
   N-Channel PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP8876 FAIRCHILD-FDP8876 Datasheet
303Kb / 6P
   N-Channel PowerTrench MOSFET
FDB8441 FAIRCHILD-FDB8441 Datasheet
307Kb / 7P
   N-Channel PowerTrench MOSFET
FDD13AN06A0 FAIRCHILD-FDD13AN06A0 Datasheet
281Kb / 11P
   N-Channel PowerTrench MOSFET
FDP8874 FAIRCHILD-FDP8874 Datasheet
264Kb / 10P
   N-Channel PowerTrench MOSFET
FDS8984 FAIRCHILD-FDS8984_10 Datasheet
446Kb / 6P
   N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com