Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV2208FM Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # TV2208FM
Description  Fast Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TV2208FM Datasheet(HTML) 1 Page - Dynex Semiconductor

  TV2208FM Datasheet HTML 1Page - Dynex Semiconductor TV2208FM Datasheet HTML 2Page - Dynex Semiconductor TV2208FM Datasheet HTML 3Page - Dynex Semiconductor TV2208FM Datasheet HTML 4Page - Dynex Semiconductor TV2208FM Datasheet HTML 5Page - Dynex Semiconductor TV2208FM Datasheet HTML 6Page - Dynex Semiconductor TV2208FM Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TV22..F
1/7
APPLICATIONS
s Induction Heating
s A.C. Motor Drives
s Snubber Diode
s Welding
s High Frequency Rectification
s UPS
FEATURES
s Thermal Fatigue Free Pressure Contact
s High Surge Capability
s Low Recovery Charge
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
1600V
I
F(AV)
305A
I
FSM
5000A
Q
r
70
µC
t
rr
3.2
µs
1600
1400
1200
1000
800
600
TV22 16F M or K
TV22 14F M or K
TV22 12F M or K
TV22 10F M or K
TV22 08F M or K
TV22 06F M or K
Conditions
V
RSM
= V
RRM
+ 100V
For 3/4" 16 UNF thread, add suffix K, e.g. TV22 16FK.
For M16 thread, add suffix M, e.g. TV22 16FM.
For stud anode add 'R' to type number, e.g. TV22 16FMR.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type codes: DO9.
See Package Details for further information.
CURRENT RATINGS
Symbol
Parameter
Conditions
Units
Max.
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
Half wave resistive load, T
case = 65
oC
305
A
T
case = 65
oC
346
A
TV22..F
Fast Recovery Diode
Replaces March 1998 version, DS4210-2.2
DS4210-3.0 January 2000


Similar Part No. - TV2208FM

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TV22A TRANSKO-TV22A Datasheet
597Kb / 2P
   MINIATURE CERAMIC SMD VCXO (2.5 x 2.0mm)
Rev. 2: Nov. 2015
More results

Similar Description - TV2208FM

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com