Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F471K39Y5RR6.K7 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # F471K39Y5RR6.K7
Description  Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F471K39Y5RR6.K7 Datasheet(HTML) 4 Page - Vishay Siliconix

  F471K39Y5RR6.K7 Datasheet HTML 1Page - Vishay Siliconix F471K39Y5RR6.K7 Datasheet HTML 2Page - Vishay Siliconix F471K39Y5RR6.K7 Datasheet HTML 3Page - Vishay Siliconix F471K39Y5RR6.K7 Datasheet HTML 4Page - Vishay Siliconix F471K39Y5RR6.K7 Datasheet HTML 5Page - Vishay Siliconix F471K39Y5RR6.K7 Datasheet HTML 6Page - Vishay Siliconix F471K39Y5RR6.K7 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Document Number: 28500
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
69
F Series
Ceramic Disc Capacitors Class 2,
Low Loss (0.2 %), 500 VDC, 1 kVDC,
2 kVDC and 3 kVDC
Vishay BCcomponents
Notes
(1) Cumulative pitch error: ±
≤ 1 mm/20 pitches
(2) Obliquity maximum 3°
DIMENSIONS OF TAPE
SYMBOL
PARAMETER
DIMENSIONS (mm)
FEED-HOLE PITCH
P0 = 12.7
FEED-HOLE PITCH
P0 = 15.0
D
Body diameter
11.0 max.
14.0 max.
d
Lead diameter
0.6 ± 0.05
0.6 ± 0.05
P (1)
Pitch between capacitors
12.7 ± 1.0
15.0 ± 1.0
P0
Feed-hole pitch
12.7 ± 0.3
15.0 ± 0.3
ΔP
Plane deviation
1.0 max.
1.0 max.
P1 (2)
Feed-hole center to lead center
3.85 ± 0.7
3.75 ± 0.7
P2 (2)
Feed-hole center to component center
6.35 ± 1.3
7.5 ± 1.5
F
Lead spacing
5.0 + 0.6/- 0.4
7.5 + 0.6/- 0.4
Δh
Component alignment
0 ± 1.0
0 ± 1.0
W
Tape width
18.0 + 1.0/- 0.5
18.0 + 1.0/- 0.5
W0
Hold-down tape width
5.0 min.
5.0 min.
W1
Hole position
9.0 + 0.75/- 0.5
9.0 + 0.75/- 0.5
W2
Hold-down tape margin
3.0 max.
3.0 max.
H0
Height to seating plane
16.0 ± 0.5
16.0 ± 0.5
H1
Maximum component height
32.0
40.0
e
Lead end protrusion
1.0 max.
1.0 max.
L
Maximum length of snipped lead
11.0
11.0
D0
Feed-hole diameter
4.0 ± 0.2
4.0 ± 0.2
t
Total tape thickness
0.9 max.
0.9 max.
t1
Maximum thickness of tape and wires
1.5 max.
1.5 max.
P
2
P
1
P
0
D
0
P
D
Ø d
W
2
W
1
W
0
W
H
1
Direction of unreeling
A
t
detailA
Δh
Δh
ΔP
ΔP
t
1
F
e
L
Δs
Δs
Kinked capacitors on tape, lead spacing 5.0 mm (0.2") or 7.5 mm (0.3")
H
0


Similar Part No. - F471K39Y5RR6.K7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F471K39Y5RR6.K7. VISHAY-F471K39Y5RR6.K7. Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
More results

Similar Description - F471K39Y5RR6.K7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K39Y5RN6UK5R VISHAY-F102K39Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com