Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4803CS-1 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN4803CS-1
Description  8-Pin PFC and PWM Controller Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4803CS-1 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN4803CS-1 Datasheet HTML 4Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 5Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 6Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 7Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 8Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 9Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 10Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 11Page - Fairchild Semiconductor FAN4803CS-1 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
FAN4803
REV. 1.2.3 11/2/04
11
Mechanical Dimensions
SEATING PLANE
0.148 - 0.158
(3.76 - 4.01)
PIN 1 ID
0.228 - 0.244
(5.79 - 6.20)
0.189 - 0.19
Package: S08
8 Pin SOIC
9
(4.80 - 5.06)
0.012 - 0.020
(0.30 - 0.51)
0.050 BSC
(1.27 BSC)
0.015 - 0.035
(0.38 - 0.89)
0.059 - 0.069
(1.49 - 1.75)
0.004 - 0.010
(0.10 - 0.26)
0.055 - 0.061
(1.40 - 1.55)
8
0.006 - 0.010
(0.15 - 0.26)
0
°–8°
1
0.017 - 0.027
(0.43 - 0.69)
(4 PLACES)
SEATING PLANE
0.240 - 0.260
(6.09 - 6.60)
PIN 1 ID
0.299 - 0.335
(7.59 - 8.50)
0.365 - 0.385
(9.27 - 9.77)
0.016 - 0.020
(0.40 - 0.51)
0.100 BSC
(2.54 BSC)
0.008 - 0.012
(0.20 - 0.31)
0.015 MIN
(0.38 MIN)
8
0° - 15°
1
0.055 - 0.065
(1.39 - 1.65)
0.170 MAX
(4.32 MAX)
0.125 MIN
(3.18 MIN)
0.020 MIN
(0.51 MIN)
(4 PLACES)
Package: P08
8-Pin PDIP


Similar Part No. - FAN4803CS-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4803CS-1 FAIRCHILD-FAN4803CS-1 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-1 FAIRCHILD-FAN4803CS-1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-1 FAIRCHILD-FAN4803CS-1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-1 FAIRCHILD-FAN4803CS-1 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-1 FAIRCHILD-FAN4803CS-1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results

Similar Description - FAN4803CS-1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com