Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F221K33Y5RR6.K7 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # F221K33Y5RR6.K7
Description  Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F221K33Y5RR6.K7 Datasheet(HTML) 1 Page - Vishay Siliconix

  F221K33Y5RR6.K7 Datasheet HTML 1Page - Vishay Siliconix F221K33Y5RR6.K7 Datasheet HTML 2Page - Vishay Siliconix F221K33Y5RR6.K7 Datasheet HTML 3Page - Vishay Siliconix F221K33Y5RR6.K7 Datasheet HTML 4Page - Vishay Siliconix F221K33Y5RR6.K7 Datasheet HTML 5Page - Vishay Siliconix F221K33Y5RR6.K7 Datasheet HTML 6Page - Vishay Siliconix F221K33Y5RR6.K7 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ceramic Disc Capacitors Class 2,
Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28500
66
Revision: 07-Jan-10
F Series
Vishay BCcomponents
Capacitors with outside and inside kink lead spacing
MARKING
Marking indicates capacitance value and tolerance in
accordance with “EIA 198” and voltage marks.
OPERATING TEMPERATURE RANGE
- 30 °C to + 125 °C
TEMPERATURE COEFFICIENT Y5R (2C4)
- 30 °C TO + 85 °C
± 15 %
SECTIONAL SPECIFICATIONS
IEC 60384-9, EIA 198
EXAMPLES OF MARKING CODE
FEATURES
• High reliability
• Low losses
• High capacitance in small size
• Kinked leads
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
In electronic circuits where low losses and high capacitance
per volume are essential, for example:
•SMPS
• HF ballast
• Snubber and high voltage circuits
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm or 0.8 mm.
The capacitors are supplied with kinked leads and lead
spacings of 5 mm or 7.5 mm and 10 mm. Encapsulation is
made of epoxy-resin, flammable resistant in accordance with
“UL 94 V-0”
CAPACITANCE RANGE
100 pF to 4700 pF
RATED DC VOLTAGE
500 V; 1 kV; 2 kV; 3 kV
DIELECTRIC STRENGTH
200 % of rated voltage
INSULATION RESISTANCE AT 500 VDC
≥ 10 000 MΩ min.
TOLERANCE ON CAPACITANCE
± 10 %; ± 20 %
DISSIPATION FACTOR
0.2 % max.
AGING
typical 0.5 % per time decade
Note
The capacitors meet the essential requirements of “IEC 60384-9 and EIA 198”. Unless stated otherwise all electrical values apply at an ambient
temperature of 25 °C ± 3 °C, at normal atmospheric conditions
QUICK REFERENCE DATA
DESCRIPTION
CLASS 2 (Y5R)
Voltage (VDC)
500, 1000, 2000, 3000
Min. Capacitance (pF)
100
Max. Capacitance (pF)
4700
Mounting
Through hole
Disc size (Dmax.)
≤ 6.5 mm:
Disc size (Dmax.)
≥ 7.5mm:
BC
RP = low loss with T.C. Y5P
RP
101K
102K
2kV
3 kV
F
D
SH
tangent
line
F
D
SH
tangent
line


Similar Part No. - F221K33Y5RR6.K7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F221K33Y5RR6.K7. VISHAY-F221K33Y5RR6.K7. Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
More results

Similar Description - F221K33Y5RR6.K7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K39Y5RN6UK5R VISHAY-F102K39Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com