Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB12 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # P6SMB12
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMB12 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  P6SMB12 Datasheet HTML 1Page - Pan Jit International Inc. P6SMB12 Datasheet HTML 2Page - Pan Jit International Inc. P6SMB12 Datasheet HTML 3Page - Pan Jit International Inc. P6SMB12 Datasheet HTML 4Page - Pan Jit International Inc. P6SMB12 Datasheet HTML 5Page - Pan Jit International Inc. P6SMB12 Datasheet HTML 6Page - Pan Jit International Inc. P6SMB12 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PAGE . 2
December 2,2013-REV.08
P6SMB SERIES
Part Number
Reverse
Stand-off
Voltage
Breakdown
Voltage
Test
Current Reverse Leakage
Max.
Clamp
Voltage
10/1000s
Peak
Pulse
Current
10/1000s
Marking Code
V RWM
(Notes 4)
V BR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Ma x.
UNI
BI
UNI
BI
V
V
V
mA
A
A
V
A
UNI
BI
600W Transient Voltage Suppressor
P6SMB6.8
P6SMB6.8C
5.5
6.12
7.48
10
1000
2000
10.8
56
EZA
DZA
P6SMB6.8A
P6SMB6.8CA
5.8
6.45
7.14
10
1000
2000
10.5
57
EZB
DZB
P6SMB7.5
P6SMB7.5C
6.05
6.75
8.25
10
500
1000
11.7
51
EZC
DZC
P6SMB7.5A
P6SMB7.5CA
6.4
7.13
7.88
10
500
1000
11.3
53
EZD
DZD
P6SMB8.2
P6SMB8.2C
6.63
7.38
9.02
10
200
400
12.5
48
EZE
DZE
P6SMB8.2A
P6SMB8.2CA
7.02
7.79
8.61
10
200
400
12.1
50
EZF
DZF
P6SMB9.1
P6SMB9.1C
7.37
8.19
10
1
50
100
13.8
44
EZG
DZG
P6SMB9.1A
P6SMB9.1CA
7.78
8.65
9.5
1
50
100
13.4
45
EZH
DZH
P6SMB10
P6SMB10C
8.1
9
11
1
10
20
15
40
EZJ
DZJ
P6SMB10A
P6SMB10CA
8.55
9.5
10.5
1
10
20
14.5
41
EZK
DZK
P6SMB11
P6SMB11C
8.92
9.9
12.1
1
5
10
16.2
37
EZL
DZL
P6SMB11A
P6SMB11CA
9.4
10.5
11.6
1
5
10
15.6
38
EZM
DZM
P6SMB12
P6SMB12C
9.72
10.8
13.2
1
5
5
17.3
35
EZN
DZN
P6SMB12A
P6SMB12CA
10.2
11.4
12.6
1
5
5
16.7
36
EZP
DZP
P6SMB13
P6SMB13C
10.5
11.7
14.3
1
1
1
19
32
EZQ
DZQ
P6SMB13A
P6SMB13CA
11.1
12.4
13.7
1
1
1
18.2
33
EZR
DZR
P6SMB15
P6SMB15C
12.1
13.5
16.5
1
1
1
22
27
EZS
DZS
P6SMB15A
P6SMB15CA
12.8
14.3
15.8
1
1
1
21.2
28
EZT
DZT
P6SMB16
P6SMB16C
12.9
14.4
17.6
1
1
1
23.5
26
EZU
DZU
P6SMB16A
P6SMB16CA
13.6
15.2
16.8
1
1
1
22.5
27
EZV
DZV
P6SMB18
P6SMB18C
14.5
16.2
19.8
1
1
1
26.5
23
EZW
DZW
P6SMB18A
P6SMB18CA
15.3
17.1
18.9
1
1
1
25.2
24
EZX
DZX
P6SMB20
P6SMB20C
16.2
18
22
1
1
1
29.1
21
EZY
DZY
P6SMB20A
P6SMB20CA
17.1
19
21
1
1
1
27.7
22
EZZ
DZZ
P6SMB22
P6SMB22C
17.8
19.8
24.2
1
1
1
31.9
19
EXA
DXA
P6SMB22A
P6SMB22CA
18.8
20.9
23.1
1
1
1
30.6
20
EXB
DXB
P6SMB24
P6SMB24C
19.4
21.6
26.4
1
1
1
34.7
17
EXC
DXC
P6SMB24A
P6SMB24CA
20.5
22.8
25.2
1
1
1
33.2
18
EXD
DXD
P6SMB27
P6SMB27C
21.8
24.3
29.7
1
1
1
39.1
15
EXE
DXE
P6SMB27A
P6SMB27CA
23.1
25.7
28.4
1
1
1
37.5
16
EXF
DXF
P6SMB30
P6SMB30C
24.3
27
33
1
1
1
43.5
14
EXG
DXG
P6SMB30A
P6SMB30CA
25.6
28.5
31.5
1
1
1
41.4
14.4
EXH
DXH
P6SMB33
P6SMB33C
26.8
29.7
36.3
1
1
1
47.7
12.6
EXJ
DXJ
P6SMB33A
P6SMB33CA
28.2
31.4
34.7
1
1
1
45.7
13.2
EXK
DXK
P6SMB36
P6SMB36C
29.1
32.4
39.6
1
1
1
52
11.6
EXL
DXL
P6SMB36A
P6SMB36CA
30.8
34.2
37.8
1
1
1
49.9
12
EXM
DXM
P6SMB39
P6SMB39C
31.6
35.1
42.9
1
1
1
56.4
10.6
EXN
DXN
P6SMB39A
P6SMB39CA
33.3
37.1
41
1
1
1
53.9
11.2
EXP
DXP
P6SMB43
P6SMB43C
34.8
38.7
47.3
1
1
1
61.9
9.6
EXQ
DXQ
P6SMB43A
P6SMB43CA
36.8
40.9
45.2
1
1
1
59.3
10.1
EXR
DXR
P6SMB47
P6SMB47C
38.1
42.3
51.7
1
1
1
67.8
8.9
EXS
DXS
P6SMB47A
P6SMB47CA
40.2
44.7
49.4
1
1
1
64.8
9.3
EXT
DXT
P6SMB51
P6SMB51C
41.3
45.9
56.1
1
1
1
73.5
8.2
EXU
DXU
P6SMB51A
P6SMB51CA
43.6
48.5
53.6
1
1
1
70.1
8.6
EXV
DXV
P6SMB56
P6SMB56C
45.6
50.4
61.6
1
1
1
80.5
7.4
EXW
DXW


Similar Part No. - P6SMB12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6SMB12 MOTOROLA-P6SMB12 Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
SUNMATE electronic Co.,...
P6SMB12 SUNMATE-P6SMB12 Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Taiwan Semiconductor Co...
P6SMB12 TSC-P6SMB12 Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Nantong Hornby Electron...
P6SMB12 HORNBY-P6SMB12 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6SMB12 TSC-P6SMB12 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - P6SMB12

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com