Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB11 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # P6SMB11
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMB11 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  P6SMB11 Datasheet HTML 1Page - Pan Jit International Inc. P6SMB11 Datasheet HTML 2Page - Pan Jit International Inc. P6SMB11 Datasheet HTML 3Page - Pan Jit International Inc. P6SMB11 Datasheet HTML 4Page - Pan Jit International Inc. P6SMB11 Datasheet HTML 5Page - Pan Jit International Inc. P6SMB11 Datasheet HTML 6Page - Pan Jit International Inc. P6SMB11 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAGE . 3
December 2,2013-REV.08
P6SMB SERIES
Part Number
Reverse
Stand-off
Voltage
Breakdown
Voltage
Test
Current Reverse Leakage
Max.
Clamp
Voltage
10/1000s
Peak
Pulse
Current
10/1000s
Marking Code
V RWM
(Notes 4)
VBR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Max.
UNI
BI
UNI
BI
V
V
V
mA
A
A
V
A
UNI
BI
600W Transient Voltage Suppressor
P6SMB56A
P6SMB56CA
47.8
53.2
58.8
1
1
1
77
7.8
EXX
DXX
P6SMB62
P6SMB62C
50.2
55.8
68.2
1
1
1
89
6.8
EXY
DXY
P6SMB62A
P6SMB62CA
53
58.9
65.1
1
1
1
85
7.1
EXZ
DXZ
P6SMB68
P6SMB68C
55.1
61.2
74.8
1
1
1
98
6.1
EYA
DYA
P6SMB68A
P6SMB68CA
58.1
64.6
71.4
1
1
1
92
6.5
EYB
DYB
P6SMB75
P6SMB75C
60.7
67.5
82.5
1
1
1
108
5.5
EYC
DYC
P6SMB75A
P6SMB75CA
64.1
71.3
78.8
1
1
1
103
5.8
EYD
DYD
P6SMB82
P6SMB82C
66.4
73.8
90.2
1
1
1
118
5.1
EYE
DYE
P6SMB82A
P6SMB82CA
70.1
77.9
86.1
1
1
1
113
5.3
EYF
DYF
P6SMB91
P6SMB91C
73.7
81.9
100
1
1
1
131
4.5
EYG
DYG
P6SMB91A
P6SMB91CA
77.8
86.5
95.5
1
1
1
125
4.8
EYH
DYH
P6SMB100
P6SMB100C
81
90
110
1
1
1
144
4.2
EYJ
DYJ
P6SMB100A P6SMB100CA
85.5
95
105
1
1
1
137
4.4
EYK
DYK
P6SMB110
P6SMB110C
89.2
99
121
1
1
1
158
3.8
EYL
DYL
P6SMB110A P6SMB110CA
94
105
116
1
1
1
152
4
EYM
DYM
P6SMB120
P6SMB120C
97.2
108
132
1
1
1
173
3.5
EYN
DYN
P6SMB120A P6SMB120CA
102
114
126
1
1
1
165
3.6
EYP
DYP
P6SMB130
P6SMB130C
105
117
143
1
1
1
187
3.2
EYQ
DYQ
P6SMB130A P6SMB130CA
111
124
137
1
1
1
179
3.3
EYR
DYR
P6SMB150
P6SMB150C
121
135
165
1
1
1
215
2.8
EYS
DYS
P6SMB150A P6SMB150CA
128
143
158
1
1
1
207
2.9
EYT
DYT
P6SMB160
P6SMB160C
130
144
176
1
1
1
230
2.6
EYU
DYU
P6SMB160A P6SMB160CA
136
152
168
1
1
1
219
2.7
EYV
DYV
P6SMB170
P6SMB170C
138
153
187
1
1
1
244
2.5
EYW
DYW
P6SMB170A P6SMB170CA
145
162
179
1
1
1
234
2.6
EYX
DYX
P6SMB180
P6SMB180C
146
162
198
1
1
1
258
2.3
EYY
DYY
P6SMB180A P6SMB180CA
154
171
189
1
1
1
246
2.4
EYZ
DYZ
P6SMB200
P6SMB200C
162
180
220
1
1
1
287
2.1
EWA
DWA
P6SMB200A P6SMB200CA
171
190
210
1
1
1
274
2.2
EWB
DWB
P6SMB220
P6SMB220C
175
198
242
1
1
1
344
1.8
EWC
DWC
P6SMB220A P6SMB220CA
185
209
231
1
1
1
328
1.9
EWD
DWD
P6SMB250
P6SMB250C
202
225
275
1
1
1
360
1.7
EWE
DWE
P6SMB250A P6SMB250CA
214
237
263
1
1
1
344
1.8
EWF
DWF
P6SMB400A -
342
380
420
1
1
-
548
1.1
EWM
-


Similar Part No. - P6SMB11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6SMB11 MOTOROLA-P6SMB11 Datasheet
240Kb / 4P
   ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
SUNMATE electronic Co.,...
P6SMB11 SUNMATE-P6SMB11 Datasheet
1,004Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Taiwan Semiconductor Co...
P6SMB11 TSC-P6SMB11 Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Nantong Hornby Electron...
P6SMB11 HORNBY-P6SMB11 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6SMB11 TSC-P6SMB11 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - P6SMB11

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMBJ440 LUGUANG-SMBJ440 Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com