Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APSDM032GM5AN-PCMW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # APSDM032GM5AN-PCMW
Description  Serial ATA Flash Drive
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

APSDM032GM5AN-PCMW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  APSDM032GM5AN-PCMW Datasheet HTML 1Page - List of Unclassifed Manufacturers APSDM032GM5AN-PCMW Datasheet HTML 2Page - List of Unclassifed Manufacturers APSDM032GM5AN-PCMW Datasheet HTML 3Page - List of Unclassifed Manufacturers APSDM032GM5AN-PCMW Datasheet HTML 4Page - List of Unclassifed Manufacturers APSDM032GM5AN-PCMW Datasheet HTML 5Page - List of Unclassifed Manufacturers APSDM032GM5AN-PCMW Datasheet HTML 6Page - List of Unclassifed Manufacturers APSDM032GM5AN-PCMW Datasheet HTML 7Page - List of Unclassifed Manufacturers APSDM032GM5AN-PCMW Datasheet HTML 8Page - List of Unclassifed Manufacturers APSDM032GM5AN-PCMW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Serial ATA Flash Drive
APSDMxxxxM5XN-PCMX
3
© 2013 Apacer Technology Inc.
Rev. 1.8
1. Product Description
1.1
Introduction
Apacer’s mSATA M4-M is a solid-state disk (SSD) drive in mini PCIe form factor that contains a controller,
embedded firmware, and flash media along with a male connector. mSATA M4-M leverages the advantages
of standard SATA SSDs in terms of wide compatibilities and reliable performance. Though built with MLC, this
SSD can work in highly demanding environment as it can withstand ambient temperature from -40°C to +85°C
(for certain capacities only).
mSATA M4-M drive is designed with a single-chip controller, offering capacities of up to 128 gigabytes and is
compliant with the SATA
high
-speed interface standard. Complying with JEDEC MO-300 standard, this
mSATA SSD is the widely adopted embedded storage with compact size and exceptional performance.
In addition, mSATA M4-M adopts the Apacer-specific global wear-leveling scheme to allow uniform use of all
storage blocks, ensuring that the lifespan of a flash media can be significantly increased and the disk
performance is optimized as well. mSATA M4-M provides the S.M.A.R.T. feature that follows the SATA Rev.
2.6, ATA/ATAPI-7 specifications and uses the standard SMART command B0h to read data from the drive.
This feature protects the user from unscheduled downtime by monitoring and storing critical drive performance.
1.2
Functional Block Diagram
mSATA M4-M drive includes a single-chip SATA
Ⅱ Controller and the flash media, as well as the SATA
standard interface. The controller integrates the flash management unit with the controller itself to support
multi-channel, multi-bank flash arrays. Figure 1-1 shows the functional block diagram.
Figure 1-1 Apacer mSATA M4-M block diagram


Similar Part No. - APSDM032GM5AN-PCMW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSDM032GM5AN-PC ETC2-APSDM032GM5AN-PC Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APSDM032GM5AN-PCW ETC2-APSDM032GM5AN-PCW Datasheet
306Kb / 20P
   Serial ATA Flash Drive
More results

Similar Description - APSDM032GM5AN-PCMW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS25M5A008G-ACM ETC2-APS25M5A008G-ACM Datasheet
262Kb / 19P
   Serial ATA Flash Drive
AP-SAFD254QA008GS-HT ETC2-AP-SAFD254QA008GS-HT Datasheet
313Kb / 35P
   Serial ATA Flash Drive
APSDM004GM5AN-PT ETC2-APSDM004GM5AN-PT Datasheet
306Kb / 20P
   Serial ATA Flash Drive
APS25P6B008G-5T ETC2-APS25P6B008G-5T Datasheet
387Kb / 19P
   Serial ATA Flash Drive
APS25P6B032G-CT ETC2-APS25P6B032G-CT Datasheet
293Kb / 21P
   Serial ATA Flash Drive
APS1845008G-ACM ETC2-APS1845008G-ACM_14 Datasheet
760Kb / 21P
   Serial ATA Flash Drive
AP-SAFD255AA008GS-T ETC2-AP-SAFD255AA008GS-T Datasheet
340Kb / 19P
   Serial ATA Flash Drive
PS18P6A008G-5TWL ETC2-PS18P6A008G-5TWL Datasheet
276Kb / 19P
   Serial ATA Flash Drive
APS18P6A008G-CT ETC2-APS18P6A008G-CT Datasheet
247Kb / 22P
   Serial ATA Flash Drive
APS18P6A016G-CCM ETC2-APS18P6A016G-CCM Datasheet
245Kb / 21P
   Serial ATA Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com