Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMH-112-02-L-S Datasheet(PDF) 1 Page - Samtec, Inc

Part # SMH-112-02-L-S
Description  SMT HORIZONTAL SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SMH-112-02-L-S Datasheet(HTML) 1 Page - Samtec, Inc

  SMH-112-02-L-S Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(2,54 mm) .100"
SMH SERIES
SMH–120–02–G–S
SMH–112–02–L–S
SMH–110–02–L–D
WWW.SAMTEC.COM
F-214
Mates With:
TSW, MTSW, MTLW,
EW, ZW, TSS, ZSS, TSM
(8,51)
.335
02
01
01
(2,41)
.095
(4,95)
.195
(No. of Positions x (2,54) .100) + (0,51) .020
(7,24)
.285
(3,43)
.135
(0,71)
.028
(3,43)
.135
(1,14)
.045
(1,14)
.045
(0,79)
.031
(0,41)
.016
(2,54)
.100
x
SMH
1
NO. PINS
PER ROW
OTHER
OPTION
PLATING
OPTION
02 thru 36
02
ROW
OPTION
–S
= Single Row
–D
= Double Row
–L
= 10µ" (0,25 µm) Gold on contact,
Matte Tin on tail
–G
= 20µ" (0,51 µm) Gold on contact,
Gold flash on tail
–T
= Matte Tin
–“XX”
= Polarized Position
–TR
= Tape & Reel
Packaging
(02-29 positions
only)
TAPE & REEL
AVAILABILITY
Call Samtec
for specifications
and ordering
information.
No tooling charges.
Minimum
order is the lesser
of
a full reel quantity
or 125 pieces.
Order any quantity
above minimum.
In-house design,
manufacture.
Quick turn-around.
For complete specifications
and recommended PCB layouts
see www.samtec.com?SMH
Insulator Material:
Black LCP
Contact Material:
Phosphor Bronze
Plating:
Au or Sn over
50µ" (1,27 µm) Ni
Operating Temp Range:
-55°C to +125°C with Gold
-55°C to +105°C with Tin
Contact Resistance:
10 m
Ω
Insertion Depth:
(3,68 mm) .145" to
(6,35 mm) .250"
Insertion Force:
(Single contact only)
6 oz (1,67 N) avg.
Withdrawal Force:
(Single contact only)
5 oz (1,39 N) avg.
Max Cycles:
100 with 10µ" (0,25 µm) Au
RoHS Compliant:
Yes
Processing:
Lead–Free Solderable:
Yes
SMT Lead Coplanarity:
(0,15 mm) .006" max (02-24)
(0,20 mm) .008" max (25-36)
SPECIFICATIONS
SMT HORIZONTAL SOCKET
Important Note:
SMH mated to TSM–DH/–SH
not coplanar, SSM–DH/–SH
recommended for coplanar
applications.
Note:
Some lengths, styles and
options are non-standard,
non-returnable.
For complete scope of
recognitions see
www.samtec.com/quality
RECOGNITIONS
ALSO AVAILABLE
(MOQ Required)
• Other platings
Contact Samtec.
FILE NO: 090871_0_000


Similar Part No. - SMH-112-02-L-S

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SMH-112-02-L-S SAMTEC-SMH-112-02-L-S Datasheet
554Kb / 1P
   SMT HORIZONTAL SOCKET
More results

Similar Description - SMH-112-02-L-S

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SMH-107-02-S-D SAMTEC-SMH-107-02-S-D Datasheet
554Kb / 1P
   SMT HORIZONTAL SOCKET
logo
Harwin Plc
M20-7910242R HARWIN-M20-7910242R Datasheet
106Kb / 2P
   2.54mm SOCKET SIL HORIZONTAL SMT TAPE & REEL
M22-6540242R HARWIN-M22-6540242R Datasheet
186Kb / 2P
   2.00mm PITCH SIL HORIZONTAL SOCKET, SMT TAPE & REEL
M20-7920242R HARWIN-M20-7920242R Datasheet
125Kb / 2P
   2.54mm PITCH DIL HORIZONTAL SOCKET, SMT TAPE & REEL
M22-6550242R HARWIN-M22-6550242R Datasheet
191Kb / 2P
   2.00mm PITCH DIL HORIZONTAL SOCKET, SMT TAPE & REEL
logo
AVX Corporation
20-9159 AVX-20-9159 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
209159002101916 AVX-209159002101916 Datasheet
534Kb / 6P
   Horizontal Socket: BTB
logo
Mill-Max Mfg. Corp.
310-43-108-40-023000 MILL-MAX-310-43-108-40-023000 Datasheet
122Kb / 3P
   Interconnect Socket Horizontal Mount Socket
310-43-103-40-023000 MILL-MAX-310-43-103-40-023000 Datasheet
122Kb / 3P
   Interconnect Socket Horizontal Mount Socket
310-43-109-40-023000 MILL-MAX-310-43-109-40-023000 Datasheet
123Kb / 3P
   Interconnect Socket Horizontal Mount Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com