Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-811UTT86 Datasheet(PDF) 6 Page - Rohm

Part # SML-811UTT86
Description  ?줣everse-mount available type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811UTT86 Datasheet(HTML) 6 Page - Rohm

Back Button SML-811UTT86 Datasheet HTML 2Page - Rohm SML-811UTT86 Datasheet HTML 3Page - Rohm SML-811UTT86 Datasheet HTML 4Page - Rohm SML-811UTT86 Datasheet HTML 5Page - Rohm SML-811UTT86 Datasheet HTML 6Page - Rohm SML-811UTT86 Datasheet HTML 7Page - Rohm SML-811UTT86 Datasheet HTML 8Page - Rohm SML-811UTT86 Datasheet HTML 9Page - Rohm SML-811UTT86 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-81 series
lSpectrum Data
 
 
* Please take this data as a reference data for the samples are measured randomly.
* The data is relativized for each color. It is NOT to show the spectrum peaks are equal.
0
0.2
0.4
0.6
0.8
1
380
480
580
680
780
SML813WBC8W
0.0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
0.0
0.2
0.4
0.6
0.8
1.0
380
480
580
680
780
SML812BCT
SML-812MT
WAVELENGTH [nm]
WAVELENGTH [nm]
IF=20mA
IF=10mA
IF=5mA
WAVELENGTH [nm]
SML-811VT(A)
SML-811UT(A)
SML-811DT(A)
SML-811WT(A)
6/10
2013.10 - Rev.E


Similar Part No. - SML-811UTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811UT ROHM-SML-811UT Datasheet
319Kb / 3P
   Low Current Type (IF <=10mA) Back-fire chip LEDs
SML-811UT ROHM-SML-811UT Datasheet
2Mb / 4P
   Reverse-mount type
SML-811UT ROHM-SML-811UT Datasheet
389Kb / 11P
   Reverse-mount available type
SML-811UT ROHM-SML-811UT Datasheet
993Kb / 13P
   SML-811x/812x/813x Series
2022.2 - Rev.015
SML-811UTA ROHM-SML-811UTA Datasheet
590Kb / 11P
   Reverse-mount available type
More results

Similar Description - SML-811UTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML812BCTT86 ROHM-SML812BCTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-811WTT86 ROHM-SML-811WTT86 Datasheet
590Kb / 11P
   Reverse-mount available type
SML-812MTT86 ROHM-SML-812MTT86 Datasheet
1Mb / 12P
   Reverse-mount available type
SML-811VT ROHM-SML-811VT Datasheet
389Kb / 11P
   Reverse-mount available type
logo
Laird Tech Smart Techno...
S24012P LSTD-S24012P Datasheet
626Kb / 1P
   Articulating mount available
logo
Murata Manufacturing Co...
NTSA0XV103EN6A0 MURATA-NTSA0XV103EN6A0 Datasheet
185Kb / 3P
   taping type is available
NTSA0WB203EN6A0 MURATA-NTSA0WB203EN6A0 Datasheet
182Kb / 3P
   taping type is available
NTSA0WC303EN6A0 MURATA-NTSA0WC303EN6A0 Datasheet
182Kb / 3P
   taping type is available
NTSA0WD503EN6A0 MURATA-NTSA0WD503EN6A0 Datasheet
182Kb / 3P
   taping type is available
NTSA0XM202EE1B0 MURATA-NTSA0XM202EE1B0 Datasheet
183Kb / 3P
   taping type is available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com