Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ4731A Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMAJ4731A
Description  1 Watt Zener Diode 3.3 to 75 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMAJ4731A Datasheet(HTML) 2 Page - Micro Commercial Components

  SMAJ4731A Datasheet HTML 1Page - Micro Commercial Components SMAJ4731A Datasheet HTML 2Page - Micro Commercial Components SMAJ4731A Datasheet HTML 3Page - Micro Commercial Components SMAJ4731A Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS @25°C
ZENER
VOLTAGE
VZ(1)
TEST
CURRENT
IZT
MAXIMUM
DYNAMIC
IMPEDANCE
ZZT @ IZT
MAXIMUM
REVERSE
CURRENT IR
@ VR
TEST
VOLTAGE VR
MAXIMUM
KNEE
IMPEDANCE
ZZK @ IZK
TEST
CURRENT IZK
MCC
PART
NUMBER
VOLTS
mA
OHMS
µA
VOLTS
OHMS
mA
DEVICE
MARKING
SMAJ4728A
3.3
76
10
100
1
400
1.0
728A
SMAJ4729A
3.6
69
10
100
1
400
1.0
729A
SMAJ4730A
3.9
64
9
50
1
400
1.0
730A
SMAJ4731A
4.3
58
9
10
1
400
1.0
731A
SMAJ4732A
4.7
53
8
10
1
500
1.0
732A
SMAJ4733A
5.1
49
7
10
1
550
1.0
733A
SMAJ4734A
5.6
45
5
10
2
600
1.0
734A
SMAJ4735A
6.2
41
2
10
3
700
1.0
735A
SMAJ4736A
6.8
37
3.5
10
4
700
1.0
736A
SMAJ4737A
7.5
34
4.0
10
5
700
0.5
737A
SMAJ4738A
8.2
31
4.5
10
6
700
0.5
738A
SMAJ4739A
9.1
28
5.0
10
7
700
0.5
739A
SMAJ4740A
10
25
7
10
7.6
700
0.25
740A
SMAJ4741A
11
23
8
5
8.4
700
0.25
741A
SMAJ4742A
12
21
9
5
9.1
700
0.25
742A
SMAJ4743A
13
19
10
5
9.9
700
0.25
743A
SMAJ4744A
15
17
14
5
11.4
700
0.25
744A
SMAJ4745A
16
15.5
16
5
12.2
700
0.25
745A
SMAJ4746A
18
14
20
5
13.7
750
0.25
746A
SMAJ4747A
20
12.5
22
5
15.2
750
0.25
747A
SMAJ4748A
22
11.5
23
5
16.7
750
0.25
748A
SMAJ4749A
24
10.5
25
5
18.2
750
0.25
749A
SMAJ4750A
27
9.5
35
5
20.6
750
0.25
750A
SMAJ4751A
30
8.5
40
5
22.8
1000
0.25
751A
SMAJ4752A
33
7.5
45
5
25.1
1000
0.25
752A
SMAJ4753A
36
7.0
50
5
27.4
1000
0.25
753A
SMAJ4754A
39
6.5
60
5
29.7
1000
0.25
754A
SMAJ4755A
43
6.0
70
5
32.7
1500
0.25
755A
SMAJ4756A
47
5.5
80
5
35.8
1500
0.25
756A
SMAJ4757A
51
5.0
95
5
38.8
1500
0.25
757A
SMAJ4758A
56
4.5
110
5
42.6
2000
0.25
758A
SMAJ4759A
62
4.0
125
5
47.1
2000
0.25
759A
SMAJ4760A
68
3.7
150
5
51.7
2000
0.25
760A
SMAJ4761A
75
3.3
175
5
56.0
2000
0.25
761A
1) Based on DC-measurement at thermal equilibrium while maintaining the lead temperature(TL) at 30
Revision: A
2011/01/01
MCC
SMAJ4728A THRU SMAJ4761A
TM
Micro Commercial Components
www.mccsemi.com
2 of 4


Similar Part No. - SMAJ4731A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4731A MCC-SMAJ4731A Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
List of Unclassifed Man...
SMAJ4731A ETC2-SMAJ4731A Datasheet
190Kb / 2P
   Transient Voltage Suppressor
More results

Similar Description - SMAJ4731A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL4728A-TP MCC-DL4728A-TP Datasheet
256Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4742A-TP MCC-SMAJ4742A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728A MCC-DL4728A Datasheet
263Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
SMAJ4744A-TP MCC-SMAJ4744A-TP Datasheet
426Kb / 4P
   1 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728_08 Datasheet
260Kb / 3P
   1 Watt Zener Diode 3.3 to 75 Volts
1N4728 MCC-1N4728_11 Datasheet
209Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
1N4728A MCC-1N4728A Datasheet
296Kb / 4P
   1.0 Watt Zener Diode 3.3 to 75 Volts
DL4728 MCC-DL4728 Datasheet
84Kb / 2P
   1 Watt Zener Diode 3.3 to 100 Volts
SMAJ4728A MCC-SMAJ4728A_18 Datasheet
559Kb / 5P
   1 Watt Zener Diode 3.3 to 4.7 Volts
ERD75F MCC-ERD75F Datasheet
245Kb / 4P
   1000 mW Zener Diode 3.3 to 75 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com