Electronic Components Datasheet Search |
|
AP-FM001GE40D5R-KSW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
AP-FM001GE40D5R-KSW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 21 page Value Added ATA-Disk Module Ⅲ Ⅲ Ⅲ Ⅲ AP-FMxxxxEX0XXR-XXX 1 © 2011 Apacer Technology Inc. Rev. 1.1 Features: Standard ATA/IDE bus interface – ATA command set compatible – ATA operating mode supports up to: PIO Mode-4 Multiword DMA Mode-2 Ultra DMA Mode-4 Connector type – 40-pin female connector Low power consumption (typical) – Supply voltage: 3.3V & 5V – Active mode: 85mA/95mA (3.3V/5V) – Sleep mode: 500µA /600µA (3.3V/5V) Performance – Sustained read: Up to 35 MB/sec – Sustained write: Standard: Up to 10 MB/sec High Speed: Up to 10 MB/sec Capacity – Standard: 128, 256, 512 MB 1, 2, 16 GB – High Speed: 256, 512 MB 1, 2, 4, 8 GB NAND flash type: SLC Temperature ranges – Operation: Standard: 0°C to 70°C ET *: -40°C to 85°C – Storage: -40°C to 100°C Flash management – Intelligent endurance design Advanced wear-leveling algorithms S.M.A.R.T. Built-in hardware ECC Enhanced data integrity – Intelligent power failure recovery – Enhanced security level Secure protection zone ATA Secure Erase RoHS compliant *Extended Temperature |
Similar Part No. - AP-FM001GE40D5R-KSW |
|
Similar Description - AP-FM001GE40D5R-KSW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |