Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-FM001GEB2S5S-KS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AP-FM001GEB2S5S-KS
Description  Value Added ATA Disk Module
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-FM001GEB2S5S-KS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AP-FM001GEB2S5S-KS Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-FM001GEB2S5S-KS Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-FM001GEB2S5S-KS Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-FM001GEB2S5S-KS Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-FM001GEB2S5S-KS Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-FM001GEB2S5S-KS Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-FM001GEB2S5S-KS Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-FM001GEB2S5S-KS Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-FM001GEB2S5S-KS Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Value Added ATA-Disk Module Ⅲ
AP-FMxxxxEXXXXS-XXX
10
© 2011 Apacer Technology Inc.
Rev. 1.1
6. Software Interface
6.1 Command Set
This section defines the software requirements and the format of the commands the host sends to the
ATA-Disk Module (ADM). Commands are issued to the ADM by loading the required registers in the
command block with the supplied parameters, and then writing the command code to the Command
register. The manner in which a command is accepted varies.
Table 6-1: Command set (1 of 2)
Command
Code
FR
1
SC
2
SN
3
CY
4
DH
5
LBA
6
Check-Power-Mode
E5H or 98H
-
-
-
-
D
8
-
Execute-Drive-Diagnostic
90H
-
-
-
-
D
-
Erase Sector(s)
C0H
-
Y
Y
Y
Y
Y
Flush-Cache
E7H
-
-
-
-
D
-
Format Track
50H
-
Y
7
-
Y
Y
8
Y
Identify-Drive
ECH
-
-
-
-
D
-
Idle
E3H or 97H
-
Y
-
-
D
-
Idle-Immediate
E1H or 95H
-
-
-
-
D
-
Initialize-Drive-Parameters
91H
-
Y
-
-
Y
-
NOP
00H
-
-
-
-
D
-
Read-Buffer
E4H
-
-
-
-
D
-
Read-DMA
C8H or C9H
-
Y
Y
Y
Y
Y
Read-Multiple
C4H
-
Y
Y
Y
Y
Y
Read-Sector(s)
20H or 21H
-
Y
Y
Y
Y
Y
Read-Verify-Sector(s)
40H or 41H
-
Y
Y
Y
Y
Y
Recalibrate
1XH
-
-
-
-
D
-
Request-Sense
03H
-
-
-
-
D
-
Security-Disable-Password
F6H
-
-
-
-
D
-
Security-Erase-Prepare
F3H
-
-
-
-
D
-
Security-Erase-Unit
F4H
-
-
-
-
D
-
Security-Freeze-Lock
F5H
-
-
-
-
D
-
Security-Set-Password
F1H
-
-
-
-
D
-
Security-Unlock
F2H
-
-
-
-
D
-
Seek
7XH
-
-
Y
Y
Y
Y
Set-Features
EFH
Y
7
-
-
-
D
-


Similar Part No. - AP-FM001GEB2S5S-KS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM001GE10D3S-KSW ETC2-AP-FM001GE10D3S-KSW Datasheet
182Kb / 19P
   Halogen Free Value Added ATA Disk Module ?
AP-FM001GE10D5S-KSW ETC2-AP-FM001GE10D5S-KSW Datasheet
182Kb / 19P
   Halogen Free Value Added ATA Disk Module ?
AP-FM001GE10S3S-KSW ETC2-AP-FM001GE10S3S-KSW Datasheet
182Kb / 19P
   Halogen Free Value Added ATA Disk Module ?
AP-FM001GE10S5S-KSW ETC2-AP-FM001GE10S5S-KSW Datasheet
182Kb / 19P
   Halogen Free Value Added ATA Disk Module ?
AP-FM001GE15D3S-KS ETC2-AP-FM001GE15D3S-KS Datasheet
182Kb / 19P
   Halogen Free Value Added ATA Disk Module ?
More results

Similar Description - AP-FM001GEB2S5S-KS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
   Value Added ATA Disk Module
AP-FM0128EA4S5S-KS ETC2-AP-FM0128EA4S5S-KS Datasheet
193Kb / 19P
   Value Added ATA Disk Module
AP-FM0128E40S3R-KS ETC2-AP-FM0128E40S3R-KS Datasheet
196Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E15S5S-KS ETC2-AP-FM0128E15S5S-KS Datasheet
182Kb / 19P
   Halogen Free Value Added ATA Disk Module ?
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com