Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-FM001GE20D3S-KS1H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP-FM001GE20D3S-KS1H
Description  Value Added ATA Disk Module ?
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-FM001GE20D3S-KS1H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-FM001GE20D3S-KS1H Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-FM001GE20D3S-KS1H Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-FM001GE20D3S-KS1H Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-FM001GE20D3S-KS1H Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-FM001GE20D3S-KS1H Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-FM001GE20D3S-KS1H Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-FM001GE20D3S-KS1H Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-FM001GE20D3S-KS1H Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-FM001GE20D3S-KS1H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Value Added ATA-Disk ModuleⅢ
AP-FMxxxxE2XXXS-MPXXXJ
2
©2011 Apacer Technology Inc.
Rev. 1.1
Features:
Standard ATA/IDE bus interface
512 bytes per sector
ATA command set compatible
ATA operating mode supports up to:
PIO Mode-4
Multiword DMA Mode-2
Ultra DMA Mode-4
Connector type
44-pin female connector
Low power consumption (typical)
Supply voltage: 3.3V & 5V
Active mode: 85 mA/95 mA (3.3V/5.0V)
Sleep mode: 500µA /600µA (3.3V/5.0V)
Performance
Sustained read: Up to 35 MB/sec
Sustained write:
Standard: Up to 10 MB/sec
High Speed: Up to 10 MB/sec
Capacity
Standard:
128, 256, 512 MB
1, 2, 8 GB
High Speed:
256, 512 MB
1, 2, 4 GB
NAND Flash Type: SLC
Temperature ranges
Operation:
Standard: 0°C to 70°C
ET*: -40°C to 85°C
Storage: -40°C to 100°C
Flash management
Intelligent endurance design
Advanced wear-leveling algorithms
S.M.A.R.T. technology
Built-in hardware ECC
Enhanced data integrity
Intelligent power failure recovery
Enhanced security level
Secure protection zone
ATA Secure Erase
RoHS compliant
*Extended Temperature


Similar Part No. - AP-FM001GE20D3S-KS1H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM001GE23D3S-KS ETC2-AP-FM001GE23D3S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM001GE23D3S-KS ETC2-AP-FM001GE23D3S-KS Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
AP-FM001GE23D3S-KSW ETC2-AP-FM001GE23D3S-KSW Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM001GE23D5S-KS ETC2-AP-FM001GE23D5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM001GE23D5S-KS ETC2-AP-FM001GE23D5S-KS Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
More results

Similar Description - AP-FM001GE20D3S-KS1H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
   Value Added ATA Disk Module
AP-FM0128EA4S5S-KS ETC2-AP-FM0128EA4S5S-KS Datasheet
193Kb / 19P
   Value Added ATA Disk Module
AP-FM0128E40S3R-KS ETC2-AP-FM0128E40S3R-KS Datasheet
196Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E15S5S-KS ETC2-AP-FM0128E15S5S-KS Datasheet
182Kb / 19P
   Halogen Free Value Added ATA Disk Module ?
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com