Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-FD25A20A0002GR-KSW Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AP-FD25A20A0002GR-KSW
Description  Value Added ATA Flash Drive ?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-FD25A20A0002GR-KSW Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP-FD25A20A0002GR-KSW Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KSW Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KSW Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KSW Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KSW Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KSW Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KSW Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KSW Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KSW Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Value Added ATA Flash Drive Ⅲ
AP-FD25A2xAxxxxxR-XXX
6
© 2011 Apacer Technology Inc.
Rev. 1.4
4. Capacity Specification
Capacity specification of the ATA-Flash Drive (AFD) product family is available as shown in Table 4-1. It
lists the specific capacity and the default numbers of heads, sectors and cylinders for each product line.
Table 4-1: AFD capacity specifications
Capacity
Total bytes
Cylinders
Heads
Sectors
Max LBA
256 MB
256,901,120
980
16
32
501,760
512 MB
512,483,328
993
16
63
1,000,944
1GB
1,024,966,656
1986
16
63
2,001,888
2GB
2,048,385,024
3969
16
63
4,000,752
4GB
4,096,253,952
7937
16
63
8,000,496
8GB
8,001,552,384
15504
16
63
15,628,032
16 GB
16,001,040,384
16383*
16
63
31,252,032
32 GB
32,001,048,576
16383*
16
63
62,502,048
64 GB
64,002,097,152
16383*
16
63
125,004,096
*Cylinders, heads or sectors are not applicable for these capacities. Only LBA addressing applies.
4.1 Performance Specification
Performance of the ATA-Flash Drive is listed in Table 4-2.
Table 4-2: Performance specifications
Capacity
Performance
256 MB / 512 MB
/ 1GB / 2GB / 4GB
8 GB
16 GB
32 GB
64 GB
Sustained read (MB/s)
25
35
35
35
20
Sustained write (MB/s)
7
10
15
20
10
Note: Above figures measured based on flash configurations.
4.2 Environmental Specifications
Environmental specification of the ATA-Flash Drive which follows the MIL-STD-810F standards is
available as shown in Table 4-3.
Table 4-3: ATA-Flash Drive environmental specifications
Environment
Specification
Operation
0°C to 70°C; -40°C to 85°C (Ext. Temp.)
Temperature
Storage
-40°C to 100°C
Humidity
5% to 95% RH (Non-condensing)
Vibration (Non-Operation)
Sine wave: 10~2000Hz, 15G (X, Y, Z axes)
Shock (Non-Operation)
Half sine wave, Peak acceleration 50 G, 11 ms (X, Y, Z ; All 6 axes)


Similar Part No. - AP-FD25A20A0002GR-KSW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FD25B20A0032GS-ET ETC2-AP-FD25B20A0032GS-ET Datasheet
307Kb / 17P
   ATA Flash Drive 255
AP-FD25B20A0032GS-T ETC2-AP-FD25B20A0032GS-T Datasheet
307Kb / 17P
   ATA Flash Drive 255
AP-FD25B20A0064GS-ET ETC2-AP-FD25B20A0064GS-ET Datasheet
307Kb / 17P
   ATA Flash Drive 255
AP-FD25B20A0064GS-T ETC2-AP-FD25B20A0064GS-T Datasheet
307Kb / 17P
   ATA Flash Drive 255
AP-FD25B20A0128GS-1C ETC2-AP-FD25B20A0128GS-1C Datasheet
307Kb / 17P
   ATA Flash Drive 255
More results

Similar Description - AP-FD25A20A0002GR-KSW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
   Value Added ATA Disk Module
AP-FM0128EA4S5S-KS ETC2-AP-FM0128EA4S5S-KS Datasheet
193Kb / 19P
   Value Added ATA Disk Module
AP-FM0128E40S3R-KS ETC2-AP-FM0128E40S3R-KS Datasheet
196Kb / 21P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com