Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-FD25A20A0002GR-KS Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AP-FD25A20A0002GR-KS
Description  Value Added ATA Flash Drive ?
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-FD25A20A0002GR-KS Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AP-FD25A20A0002GR-KS Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KS Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KS Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KS Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KS Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KS Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KS Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KS Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-FD25A20A0002GR-KS Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Value Added ATA Flash Drive Ⅲ
AP-FD25A2xAxxxxxR-XXX
10
© 2011 Apacer Technology Inc.
Rev. 1.4
Table 6-1: Command set (2 of 2)
Command
Code
FR
1
SC
2
SN
3
CY
4
DH
5
LBA
6
SMART
B0H
Y
Y
Y
Y
D
Set-Multiple-Mode
C6H
-
Y
-
-
D
-
Set-Sleep-Mode
E6H or 99H
-
-
-
-
D
-
Standby
E2H or 96H
-
-
-
-
D
-
Standby-lmmediate
E0H or 94H
-
-
-
-
D
-
Translate-Sector
87H
-
Y
Y
Y
Y
Y
Write-Buffer
E8H
-
-
-
-
D
-
Write-DMA
CAH or CBH
-
Y
Y
Y
Y
Y
Write-Multiple
C5H
-
Y
Y
Y
Y
Y
Write-Multiple-Without-Erase
CDH
-
Y
Y
Y
Y
Y
Write-Sector(s)
30H or 31H
-
Y
Y
Y
Y
Y
Write-Sector-Without-Erase
38H
-
Y
Y
Y
Y
Y
Write-Verify
3CH
-
Y
Y
Y
Y
Y
1. FR - Features register
2. SC - Sector Count register
3. SN - Sector Number register
4. CY - Cylinder registers
5. DH - Drive/Head register
6. LBA - Logical Block Address mode supported (see command descriptions for use)
7. Y - The register contains a valid parameter for this command
8. For the Drive/Head register:
Y means both the ATA-Flash Drive and Head parameters are used
D means only the ATA-Flash Drive parameter is valid and not the Head parameter


Similar Part No. - AP-FD25A20A0002GR-KS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FD25B20A0032GS-ET ETC2-AP-FD25B20A0032GS-ET Datasheet
307Kb / 17P
   ATA Flash Drive 255
AP-FD25B20A0032GS-T ETC2-AP-FD25B20A0032GS-T Datasheet
307Kb / 17P
   ATA Flash Drive 255
AP-FD25B20A0064GS-ET ETC2-AP-FD25B20A0064GS-ET Datasheet
307Kb / 17P
   ATA Flash Drive 255
AP-FD25B20A0064GS-T ETC2-AP-FD25B20A0064GS-T Datasheet
307Kb / 17P
   ATA Flash Drive 255
AP-FD25B20A0128GS-1C ETC2-AP-FD25B20A0128GS-1C Datasheet
307Kb / 17P
   ATA Flash Drive 255
More results

Similar Description - AP-FD25A20A0002GR-KS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
   Value Added ATA Disk Module
AP-FM0128EA4S5S-KS ETC2-AP-FM0128EA4S5S-KS Datasheet
193Kb / 19P
   Value Added ATA Disk Module
AP-FM0128E40S3R-KS ETC2-AP-FM0128E40S3R-KS Datasheet
196Kb / 21P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com