Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3013 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MC3013
Description  Open Carrier Triple-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MC3013 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MC3013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MC3013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MC3013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Open Carrier Triple-Balanced Mixer
For Microwave Telecommunications
Rev. V2
MC3013
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Operating Temperature
-54ºC to +85ºC
Storage Temperature
-65ºC to +100ºC
Peak Input Power
+23 dBm max @ +25ºC
+20 dBm max @ +85ºC
Peak Input Current
50 mA DC
Outline Drawing: Open Carrier* MC3013
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise
specified.
Weight: 0.2 grams (0.007 oz.) max
*For base model, only IF1 port is connected.
For the “-2” model, only the IF2 port is connected.


Similar Part No. - MC3013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MC3013 MACOM-MC3013 Datasheet
243Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
MC3013 MA-COM-MC3013 Datasheet
98Kb / 3P
   Open Carrier Triple-Balanced Mixer For Microwave Telecommunications
logo
Tyco Electronics
MC3013-2 MACOM-MC3013-2 Datasheet
243Kb / 3P
   Open Carrier Double-Balanced Mixer For Microwave Telecommunications
logo
M/A-COM Technology Solu...
MC3013-2 MA-COM-MC3013-2 Datasheet
98Kb / 3P
   Open Carrier Triple-Balanced Mixer For Microwave Telecommunications
MC3013 MA-COM-MC3013_15 Datasheet
98Kb / 3P
   Open Carrier Triple-Balanced Mixer
More results

Similar Description - MC3013

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MC3013 MA-COM-MC3013_15 Datasheet
98Kb / 3P
   Open Carrier Triple-Balanced Mixer
MC2420 MA-COM-MC2420 Datasheet
97Kb / 3P
   Open Carrier Double-Balanced Mixer Open Carrier Double-Balanced Mixer
MC3013 MA-COM-MC3013 Datasheet
98Kb / 3P
   Open Carrier Triple-Balanced Mixer For Microwave Telecommunications
MC2410 MA-COM-MC2410_15 Datasheet
95Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2710 MA-COM-MC2710_15 Datasheet
95Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2720 MA-COM-MC2720_15 Datasheet
98Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4507 MA-COM-MC4507_15 Datasheet
120Kb / 3P
   Open Carrier Double-Balanced Mixer
MC2110 MA-COM-MC2110 Datasheet
92Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4120 MA-COM-MC4120 Datasheet
272Kb / 3P
   Open Carrier Double-Balanced Mixer
MC4513 MA-COM-MC4513 Datasheet
121Kb / 3P
   Open Carrier Double-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com