Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-CF008GH4NR-ETNRQ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AP-CF008GH4NR-ETNRQ
Description  ATA CF
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF008GH4NR-ETNRQ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AP-CF008GH4NR-ETNRQ Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF008GH4NR-ETNRQ Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF008GH4NR-ETNRQ Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF008GH4NR-ETNRQ Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF008GH4NR-ETNRQ Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF008GH4NR-ETNRQ Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-CF008GH4NR-ETNRQ Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-CF008GH4NR-ETNRQ Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-CF008GH4NR-ETNRQ Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ATA CF
AP-CFxxxxH4NR-XXXXXXQ
9
© 2013 Apacer Technology Inc.
Rev. 1.6
Table 6-1: Command set (2 of 2)
Command
Code
SMART
B0H
Set-Multiple-Mode
C6H
Set-Sleep-Mode
E6H or 99H
Standby
E2H or 96H
Standby-lmmediate
E0H or 94H
Translate-Sector
87H
Write-Buffer
E8H
Write-DMA
CAH or CBH
Write-Multiple
C5H
Write-Multiple-Without-Erase
CDH
Write-Sector(s)
30H or 31H
Write-Sector-Without-Erase
38H
Write-Verify
3CH


Similar Part No. - AP-CF008GH4NR-ETNRQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF008GA5GS-ETNR ETC2-AP-CF008GA5GS-ETNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF008GA5GS-ETRM ETC2-AP-CF008GA5GS-ETRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF008GA5GS-NDNR ETC2-AP-CF008GA5GS-NDNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF008GA5GS-NDRM ETC2-AP-CF008GA5GS-NDRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF008GA5GS-NR ETC2-AP-CF008GA5GS-NR Datasheet
1Mb / 23P
   Compact Flash 4 Series
More results

Similar Description - AP-CF008GH4NR-ETNRQ

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
   USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11030 SONIX-SN11030 Datasheet
236Kb / 8P
   USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant
logo
Amphenol Corporation
101-00178-64 AMPHENOL-101-00178-64 Datasheet
143Kb / 1P
   CF Conn.-32
logo
Adam Technologies, Inc.
CF2A-50-SG-R ADAM-TECH-CF2A-50-SG-R Datasheet
128Kb / 1P
   CF TYPE SOCKET
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
   CF SOCKET EJECTOR
CFR-50-A-SG-2 ADAM-TECH-CFR-50-A-SG-2 Datasheet
146Kb / 1P
   CF TYPE SOCKET
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
logo
List of Unclassifed Man...
SIL3811 ETC2-SIL3811 Datasheet
302Kb / 1P
   Serial ATA to Parallel ATA Module
logo
Adam Technologies, Inc.
CFR-50-A-SG-E-X ADAM-TECH-CFR-50-A-SG-E-X Datasheet
114Kb / 1P
   CF SOCKET SLIM TYPE
logo
PHOENIX CONTACT
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
   Memory card - 32GB CF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com