Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-CF016GK7FS-NR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP-CF016GK7FS-NR
Description  Value Added CompactFlash Series5
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF016GK7FS-NR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP-CF016GK7FS-NR Datasheet HTML 1Page - List of Unclassifed Manufacturers AP-CF016GK7FS-NR Datasheet HTML 2Page - List of Unclassifed Manufacturers AP-CF016GK7FS-NR Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF016GK7FS-NR Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF016GK7FS-NR Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF016GK7FS-NR Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF016GK7FS-NR Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF016GK7FS-NR Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF016GK7FS-NR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Compact Flash 5 series
AP-CFxxxxK7XS-XXXXXX
Features:
CompactFlash Association Specification
Revision 4.1 Standard Interface
512 bytes per sector
ATA command set compatible
ATA transfer mode supports:
PIO Mode 6
Multiword DMA Mode 4
Ultra DMA Mode 6
PCMCIA UDMA Mode 6
Capacities
Standard:
128, 256, 512 MB
1, 2, 4 GB
High Speed:
256, 512 MB
1, 2, 4, 8, 16 GB
Standard read/write performance
Sustained read: Up to 29 MB/sec
Sustained write: Up to 20 MB/sec
High-speed read/write performance
Sustained read: Up to 50 MB/sec
Sustained Write: Up to 30 MB/sec
Intelligent ATA/IDE module
Embedded Flash File System (FFS)
Wear-leveling algorithms to substantially
increase longevity of flash media
Built-in BCH ECC capable of correcting
up to 24 bits in 1,024 byte data
Supports S.M.A.R.T commands
NAND Flash Type: SLC
Power Management Unit
Immediate disabling of unused circuitry
without host intervention
Zero wake-up latency
Power Smart Design
Automatic sleep and wake-up mechanism
to save power
Built-in 1.8V Power-On-Reset
Built-in 2.6V Voltage detector for power
fail protection
Supports on-chip and external voltage
regulator
Temperature ranges
0°C to 70°C for operation (Standard)
-40°C to 85°C for operation (ET*)
-40°C to 100°C for storage
Operating voltage for read and write
3.3 V
5.0 V
Power consumption (typical)**
Active mode: 180 mA
Sleep mode: 6 mA
Connector Type
50 pins female
Write Protect by Hardware Switch
Write protect activated/deactivated by a
mechanical switch
Physical Dimensions
36.4mm x 42.8mm x 3.3mm
RoHS compliant
*Extended Temperature
**Power consumption may vary depending on capacities and the flash configuration.
1
© 2011 Apacer Technology Inc.
Rev. 1.0


Similar Part No. - AP-CF016GK7FS-NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF016GA5GS-ETNR ETC2-AP-CF016GA5GS-ETNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF016GA5GS-ETRM ETC2-AP-CF016GA5GS-ETRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF016GA5GS-NDNR ETC2-AP-CF016GA5GS-NDNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF016GA5GS-NDRM ETC2-AP-CF016GA5GS-NDRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF016GA5GS-NR ETC2-AP-CF016GA5GS-NR Datasheet
1Mb / 23P
   Compact Flash 4 Series
More results

Similar Description - AP-CF016GK7FS-NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FD18A20B0001GR-KS ETC2-AP-FD18A20B0001GR-KS Datasheet
181Kb / 18P
   Value Added ATA Flash Drive ?
AP-CF256ME3FR-NRK ETC2-AP-CF256ME3FR-NRK Datasheet
793Kb / 44P
   Value Added Compact Flash Series ?
AP-FD25A20A00256R-KS ETC2-AP-FD25A20A00256R-KS Datasheet
182Kb / 19P
   Value Added ATA Flash Drive ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128E30S3R-KS ETC2-AP-FM0128E30S3R-KS Datasheet
166Kb / 19P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com