Electronic Components Datasheet Search |
|
AP-CF004GK7FS-NR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
AP-CF004GK7FS-NR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 22 page Compact Flash 5 series AP-CFxxxxK7XS-XXXXXX Features: CompactFlash Association Specification Revision 4.1 Standard Interface – 512 bytes per sector – ATA command set compatible – ATA transfer mode supports: PIO Mode 6 Multiword DMA Mode 4 Ultra DMA Mode 6 PCMCIA UDMA Mode 6 Capacities – Standard: 128, 256, 512 MB 1, 2, 4 GB – High Speed: 256, 512 MB 1, 2, 4, 8, 16 GB Standard read/write performance – Sustained read: Up to 29 MB/sec – Sustained write: Up to 20 MB/sec High-speed read/write performance – Sustained read: Up to 50 MB/sec – Sustained Write: Up to 30 MB/sec Intelligent ATA/IDE module – Embedded Flash File System (FFS) – Wear-leveling algorithms to substantially increase longevity of flash media – Built-in BCH ECC capable of correcting up to 24 bits in 1,024 byte data – Supports S.M.A.R.T commands NAND Flash Type: SLC Power Management Unit – Immediate disabling of unused circuitry without host intervention – Zero wake-up latency Power Smart Design – Automatic sleep and wake-up mechanism to save power – Built-in 1.8V Power-On-Reset – Built-in 2.6V Voltage detector for power fail protection – Supports on-chip and external voltage regulator Temperature ranges – 0°C to 70°C for operation (Standard) – -40°C to 85°C for operation (ET*) – -40°C to 100°C for storage Operating voltage for read and write – 3.3 V – 5.0 V Power consumption (typical)** – Active mode: 180 mA – Sleep mode: 6 mA Connector Type – 50 pins female Write Protect by Hardware Switch – Write protect activated/deactivated by a mechanical switch Physical Dimensions – 36.4mm x 42.8mm x 3.3mm RoHS compliant *Extended Temperature **Power consumption may vary depending on capacities and the flash configuration. 1 © 2011 Apacer Technology Inc. Rev. 1.0 |
Similar Part No. - AP-CF004GK7FS-NR |
|
Similar Description - AP-CF004GK7FS-NR |