Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP-CF008GH4NR-NRQ Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AP-CF008GH4NR-NRQ
Description  ATA CF
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-CF008GH4NR-NRQ Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AP-CF008GH4NR-NRQ Datasheet HTML 3Page - List of Unclassifed Manufacturers AP-CF008GH4NR-NRQ Datasheet HTML 4Page - List of Unclassifed Manufacturers AP-CF008GH4NR-NRQ Datasheet HTML 5Page - List of Unclassifed Manufacturers AP-CF008GH4NR-NRQ Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-CF008GH4NR-NRQ Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-CF008GH4NR-NRQ Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-CF008GH4NR-NRQ Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-CF008GH4NR-NRQ Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-CF008GH4NR-NRQ Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ATA CF
AP-CFxxxxH4NR-XXXXXXQ
6
© 2013 Apacer Technology Inc.
Rev. 1.6
4.3 Environmental
Environmental specification of the ATA CF follows the MIL-STD-810F standards as shown in Table 4-4.
Table 4-3: Environmental specifications
Environment
Specification
Operation
0°C to 70°C; -40°C to 85°C (Extended Temperature)
Temperature
Storage
-40°C to 100°C
Vibration (Non-Operation)
Sine wave : 10~2000Hz, 15G (X, Y, Z axes)
Shock (Non-Operation)
Half sine wave 1,500G (X, Y, Z ; All 6 axes)
4.4 Endurance
The endurance of a storage device is predicted by TeraBytes Written based on several factors related to
usage, such as the amount of data written into the drive, block management conditions, and daily
workload for the drive. Thus, key factors, such as Write Amplifications and the number of P/E cycles, can
influence the lifespan of the drive.
Capacity
TeraBytes Written
128 MB
3.3
256 MB
6.7
512 MB
12.9
1 GB
25.6
2 GB
38.4
4 GB
51.9
8 GB
69.8
16 GB
115.0
Notes:
The measurement assumes the data written to the SSD for test is under a typical and constant rate.
The measurement follows the standard metric: 1 TB (Terabyte) = 1000 GB.
4.5 Mean Time Between Failures (MTBF)
Mean Time Between Failures (MTBF) is predicted based on reliability data for the individual components
in our drive device. Although many component of MTBF are given in databases and often these values
are not really accurate, the prediction result for this unit more than 2,000,000 hours for its SLC flash
configuration
Notes about the MTBF:
The MTBF is predicated and calculated based on “Telcordia Technologies Special Report, SR-332, Issue
2” method.


Similar Part No. - AP-CF008GH4NR-NRQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-CF008GA5GS-ETNR ETC2-AP-CF008GA5GS-ETNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF008GA5GS-ETRM ETC2-AP-CF008GA5GS-ETRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF008GA5GS-NDNR ETC2-AP-CF008GA5GS-NDNR Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF008GA5GS-NDRM ETC2-AP-CF008GA5GS-NDRM Datasheet
1Mb / 23P
   Compact Flash 4 Series
AP-CF008GA5GS-NR ETC2-AP-CF008GA5GS-NR Datasheet
1Mb / 23P
   Compact Flash 4 Series
More results

Similar Description - AP-CF008GH4NR-NRQ

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11011 SONIX-SN11011 Datasheet
225Kb / 18P
   USB to CF/ATA/ATAPI Interface Controller, Mass Storage Class Compliant?
SN11030 SONIX-SN11030 Datasheet
236Kb / 8P
   USB to CF/ATA/SM/Flash Interface Controller, Mass Storage Class Compliant
logo
Amphenol Corporation
101-00178-64 AMPHENOL-101-00178-64 Datasheet
143Kb / 1P
   CF Conn.-32
logo
Adam Technologies, Inc.
CF2A-50-SG-R ADAM-TECH-CF2A-50-SG-R Datasheet
128Kb / 1P
   CF TYPE SOCKET
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
   CF SOCKET EJECTOR
CFR-50-A-SG-2 ADAM-TECH-CFR-50-A-SG-2 Datasheet
146Kb / 1P
   CF TYPE SOCKET
logo
Transcend Information. ...
TS128MCF100I TRANSCEND-TS128MCF100I Datasheet
3Mb / 80P
   Industrial CF Card
logo
List of Unclassifed Man...
SIL3811 ETC2-SIL3811 Datasheet
302Kb / 1P
   Serial ATA to Parallel ATA Module
logo
Adam Technologies, Inc.
CFR-50-A-SG-E-X ADAM-TECH-CFR-50-A-SG-E-X Datasheet
114Kb / 1P
   CF SOCKET SLIM TYPE
logo
PHOENIX CONTACT
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
   Memory card - 32GB CF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com